Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCCCC-DXB-XHHKKMN2 Datasheet(PDF) 4 Page - Marktech Corporate

Part # CCCCC-DXB-XHHKKMN2
Description  Cree짰 5-mm Blue and Green Round LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXB-XHHKKMN2 Datasheet(HTML) 4 Page - Marktech Corporate

  CCCCC-DXB-XHHKKMN2 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
CLD-CT1094.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Blue
C503B-BAS-CY0C0461
15
5860
32900
B4
465
B6
480
Bulk
Yes
Blue
C503B-BAS-CY0Z0451
15
5860
12000
B4
465
B5
475
Bulk
Yes
Blue
C503B-BAS-CZ0A0451
15
8200
16800
B4
465
B5
475
Bulk
Yes
Blue
C503B-BAN-CY0C0461
15
5860
32900
B4
465
B6
480
Bulk
No
Blue
C503B-BAN-CY0Z0451
15
5860
12000
B4
465
B5
475
Bulk
No
Blue
C503B-BAN-CZ0A0451
15
8200
16800
B4
465
B5
475
Bulk
No
Blue
C503B-BAS-CY0C0462
15
5860
32900
B4
465
B6
480
Ammo
Yes
Blue
C503B-BAS-CY0Z0452
15
5860
12000
B4
465
B5
475
Ammo
Yes
Blue
C503B-BAS-CZ0A0452
15
8200
16800
B4
465
B5
475
Ammo
Yes
Blue
C503B-BAN-CY0C0462
15
5860
32900
B4
465
B6
480
Ammo
No
Blue
C503B-BAN-CY0Z0452
15
5860
12000
B4
465
B5
475
Ammo
No
Blue
C503B-BAN-CZ0A0452
15
8200
16800
B4
465
B5
475
Ammo
No
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Blue
C503B-BCS-CV0Z0461
30
2130
12000
B4
465
B6
480
Bulk
Yes
Blue
C503B-BCS-CV0W0451
30
2130
4180
B4
465
B5
475
Bulk
Yes
Blue
C503B-BCS-CW0X0451
30
3000
5860
B4
465
B5
475
Bulk
Yes
Blue
C503B-BCS-CX0Y0451
30
4180
8200
B4
465
B5
475
Bulk
Yes
Blue
C503B-BCN-CV0Z0461
30
2130
12000
B4
465
B6
480
Bulk
No
Blue
C503B-BCN-CV0W0451
30
2130
4180
B4
465
B5
475
Bulk
No
Blue
C503B-BCN-CW0X0451
30
3000
5860
B4
465
B5
475
Bulk
No
Blue
C503B-BCN-CX0Y0451
30
4180
8200
B4
465
B5
475
Bulk
No
Blue
C503B-BCS-CV0Z0462
30
2130
12000
B4
465
B6
480
Ammo
Yes
Blue
C503B-BCS-CV0W0452
30
2130
4180
B4
465
B5
475
Ammo
Yes
Blue
C503B-BCS-CW0X0452
30
3000
5860
B4
465
B5
475
Ammo
Yes
Blue
C503B-BCS-CX0Y0452
30
4180
8200
B4
465
B5
475
Ammo
Yes
Blue
C503B-BCN-CV0Z0462
30
2130
12000
B4
465
B6
480
Ammo
No
Blue
C503B-BCN-CV0W0452
30
2130
4180
B4
465
B5
475
Ammo
No
Blue
C503B-BCN-CW0X0452
30
3000
5860
B4
465
B5
475
Ammo
No
Blue
C503B-BCN-CX0Y0452
30
4180
8200
B4
465
B5
475
Ammo
No
Blue (15 degrees)
Blue (30 degrees)


Similar Part No. - CCCCC-DXB-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CCCCC-DXB-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
   Cree짰 5-mm Blue and Green Round LED
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
C503B-BAS CREE-C503B-BAS Datasheet
505Kb / 6P
   5-mm Blue and Green Round LED
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS_15 Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com