Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q2178 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q67100-Q2178
Description  3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2178 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q67100-Q2178 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2178 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2178 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2178 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2178 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2178 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2178 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2178 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2178 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Semiconductor Group
1
3.3V 1M
× 64-Bit EDO-DRAM Module
3.3V 1M x 72-Bit EDO-DRAM Module
168pin unbuffered DIMM Module
with serial presence detect
HYM64V1005GU-50/-60
HYM72V1005GU-50/-60
168 Pin JEDEC Standard, Unbuffered 8 Byte Dual In-Line Memory Module
for PC main memory applications
1 bank 1M x 64, 1M x 72 organisation
Optimized for byte-write non-parity or ECC applications
Extended Data Out (EDO)
Performance:
Single +3.3 V
± 0.3 V Power Supply
CAS-before-RAS refresh, RAS-only-refresh
Decoupling capacitors mounted on substrate
All inputs, outputs and clocks are fully LV-TTL compatible
Serial presence detects (optional)
Utilizes four 1M
× 16 -DRAMs in TSOPII-50/44
and two 1M x 4 - DRAMs in SOJ 26/20 packages
1024 refresh cycles / 16 ms with 10 / 10 addressing (Row / Column)
Gold contact pad
Card Size: 133,35mm x 25,40 mm x 5,30 mm
This DRAM product module family is intended to be fully pin and architecture compatible
with the 168pin unbuffered SDRAM DIMM module family
-50
-60
tRAC
RAS Access Time
50 ns
60 ns
tCAC
CAS Access Time
13 ns
15 ns
tAA
Access Time from Address
25 ns
30 ns
tRC
Cycle Time
84 ns
104 ns
tHPC
EDO Mode Cycle Time
20 ns
25 ns
1
2.97


Similar Part No. - Q67100-Q2178

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2100 SIEMENS-Q67100-Q2100 Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
Q67100-Q2116 SIEMENS-Q67100-Q2116 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
Q67100-Q2118 SIEMENS-Q67100-Q2118 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
Q67100-Q2120 SIEMENS-Q67100-Q2120 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
Q67100-Q2122 SIEMENS-Q67100-Q2122 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
More results

Similar Description - Q67100-Q2178

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYM72V1625GS-50- SIEMENS-HYM72V1625GS-50- Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com