Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q960 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67100-Q960
Description  1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q960 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67100-Q960 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
595
Absolute Maximum Ratings
Operating temperature range ......................................................................................... 0 to + 70 ˚C
Storage temperature range...................................................................................... – 55 to + 125 ˚C
Soldering temperature ............................................................................................................ 260 ˚C
Soldering time ............................................................................................................................. 10 s
Input/output voltage ........................................................................................................ – 1 to + 7 V
Power supply voltage...................................................................................................... – 1 to + 7 V
Power dissipation................................................................................................................... 8.68 W
Data out current (short circuit) ................................................................................................ 50 mA
Note: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics 1)
T
A = 0 to 70 ˚C; VCC = 5 V ± 10 %
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
max.
Input high voltage
V
IH
2.4
5.5
V
Input low voltage
V
IL
– 1.0
0.8
V
Output high voltage (
I
OUT = – 5 mA)
V
OH
2.4
V
Output low voltage (
I
OUT = 4.2 mA)
V
OL
0.4
V
Input leakage current
(0 V <
V
IN < 6.5 V, all other pins = 0 V)
I
I(L)
– 20
20
µA–
Output leakage current
(DO is disabled, 0 V <
V
OUT < 5.5 V)
I
O(L)
– 10
10
µA–
Average
V
CC supply current:
-60 version
-70 version
(RAS, CAS, address cycling,
t
RC = tRC min.)
I
CC1
1240
1120
mA
mA
2), 3)
Standby
V
CC supply current
(RAS = CAS =
V
IH)
I
CC2
–24
mA
Average
V
CC supply current during RAS
only refresh cycles:
-60 version
-70 version
(RAS cycling, CAS =
V
IH , tRC = tRC min.)
I
CC3
1240
1120
mA
mA
2)
HYM 361120/40S/GS-60/-70
1M
× 36-Bit


Similar Part No. - Q67100-Q960

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q954 SIEMENS-Q67100-Q954 Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
Q67100-Q955 SIEMENS-Q67100-Q955 Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
Q67100-Q956 SIEMENS-Q67100-Q956 Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
Q67100-Q957 SIEMENS-Q67100-Q957 Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
Q67100-Q971 SIEMENS-Q67100-Q971 Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
More results

Similar Description - Q67100-Q960

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com