Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q960 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q67100-Q960
Description  1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q960 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  Q67100-Q960 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q960 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
596
HYM 361120/40S/GS-60/-70
1M
× 36-Bit
DC Characteristics (cont’d) 1)
Capacitance
T
A = 0 to 70 ˚C; VCC = 5 V ± 10 %; f = 1 MHz
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
max.
Average
V
CC supply current during fast
page mode:
-60 version
-70 version
(RAS =
V
IL, CAS, address cycling
t
PC = tPC min.)
I
CC4
840
720
mA
mA
2), 3)
Standby
V
CC supply current
(RAS = CAS =
V
CC – 0.2 V)
I
CC5
–12
mA
Average
V
CC supply current during
CAS-before-RAS refresh mode:
-60 version
-70 version
(RAS, CAS cycling
, t
RC = tRC min.)
I
CC6
1240
1120
mA
mA
1)
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A9)
C
I1
–80
pF
Input capacitance (RAS0, RAS2)
C
I2
–42
pF
Input capacitance (CAS0-CAS3)
C
I3
–35
pF
Input capacitance (WE)
C
I4
–80
pF
I/O capacitance (DQ0-DQ7, DQ9-DQ16,
DQ18-DQ25, DQ27-DQ34)
C
IO1
–15
pF
I/O capacitance (DQ8, DQ17, DQ26, DQ35)
C
IO2
–20
pF


Similar Part No. - Q67100-Q960

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q954 SIEMENS-Q67100-Q954 Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
Q67100-Q955 SIEMENS-Q67100-Q955 Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
Q67100-Q956 SIEMENS-Q67100-Q956 Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
Q67100-Q957 SIEMENS-Q67100-Q957 Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
Q67100-Q971 SIEMENS-Q67100-Q971 Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
More results

Similar Description - Q67100-Q960

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com