Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE5900M3A_UY Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE5900M3A_UY
Description  Peak Emission Wavelength: 590nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE5900M3A_UY Datasheet(HTML) 1 Page - Marktech Corporate

  MTE5900M3A_UY Datasheet HTML 1Page - Marktech Corporate MTE5900M3A_UY Datasheet HTML 2Page - Marktech Corporate MTE5900M3A_UY Datasheet HTML 3Page - Marktech Corporate MTE5900M3A_UY Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
30
mA
Forward Current (Pulse)*1
IFP
0.3
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
80
mW
Operating Temperature Range
Topr
-20 ~ +80
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Junction Temperature
Tj
100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Tw=10µsec, T=10msec. *2: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Emission Wavelength: 590nm
The 590nm visible emitter series is designed for applications requiring high output and precise optical /
mechanical axis alignment. Custom package solutions and sorting are available.
FEATURES
> Ceramic Package
> High Output Power
> Compact
> Wide Viewing Angle
APPLICATIONS
> Display
> Indicators
> Light Source for Sensor
> Optical Switches
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=20mA
0.5
0.9
--
mW
Forward Voltage
VF
IF=20mA
--
2.1
2.5
V
Reverse Current
IR
VR=5V
--
--
100
µA
Peak Emission Wavelength
λp
IF=20mA
--
590
--
nm
Spectral Line Half Width
λ
IF=20mA
--
15
--
nm
Half Intensity Beam Angle
Ө
IF=20mA
--
±80
--
deg
Rise Time
Tr
IFP=20mA
--
--
--
µS
Fall TIme
Tf
IFP=20mA
--
--
--
µS
Junction Capacitance
Cj
1MHz, V=0V
--
10
--
pF
Temperature Coefficient of PO
P/T
IF=10mA
--
-0.7
--
%/ºC
Temperature Coefficient of VF
V/T
IF=10mA
--
-1.8
--
mV/ºC
Visible Emitter
Product No:
MTE5900M3A-UY
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2011-09-11


Similar Part No. - MTE5900M3A_UY

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE5900M3A MARKTECH-MTE5900M3A_15 Datasheet
637Kb / 4P
   Visible Emitter
More results

Similar Description - MTE5900M3A_UY

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTRS5900D MARKTECH-MTRS5900D Datasheet
583Kb / 3P
   Peak Emission Wavelength: 590nm
MTE5900N_UY MARKTECH-MTE5900N_UY Datasheet
747Kb / 4P
   Peak Emission Wavelength: 590nm
MTE5900W_UY MARKTECH-MTE5900W_UY Datasheet
626Kb / 4P
   Peak Sensitivity Wavelength: 590nm
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
   Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
   Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
   Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
   Peak Emission Wavelength: 850nm
MTPS7065MT MARKTECH-MTPS7065MT Datasheet
729Kb / 4P
   Peak Emission Wavelength: 650nm
MTPS8085W_1105 MARKTECH-MTPS8085W_1105 Datasheet
758Kb / 3P
   Peak Emission Wavelength: 855nm
MTPS8085FT_1105 MARKTECH-MTPS8085FT_1105 Datasheet
679Kb / 3P
   Peak Emission Wavelength: 855nm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com