Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE8560P Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE8560P
Description  Peak Emission Wavelength: 850nm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE8560P Datasheet(HTML) 1 Page - Marktech Corporate

  MTE8560P Datasheet HTML 1Page - Marktech Corporate MTE8560P Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
100
mA
Forward Current (Pulse)*1
IFP
1
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
200
mW
Operating Temperature Range
Topr
-20 ~ +85
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Junction Temperature
Tj
260
ºC
*1: Tw=10µsec, T=10msec.
Peak Emission Wavelength: 850nm
The 850nm high power infrared LED Series is designed for application requiring high accuracy and
precision as well as uniform spectral emission. Custom package solutions and sorting are available.
FEATURES
> Hermetically Sealed TO-18
> High Output Power
> Gold Plated Dome Lens
> Narrow Beam Angle / High Reliability
APPLICATIONS
> Optical Scanning
> Linear & Rotary Encoder
> Edge Sensing / Optical Sensors
> Optical Switches / Security Systems
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=50mA
--
6.0
--
mW
Forward Voltage
VF
IF=50mA
--
1.5
2.0
V
Reverse Current
IR
VR=5V
--
--
10
µA
Peak Emission Wavelength
λp
IF=50mA
--
850
--
nm
Spectral Line Half Width
λ
IF=50mA
--
45
--
nm
Half Intensity Beam Angle
Ө
IF=50mA
--
±3
--
deg
High Power Infrared LED
Product No:
MTE8560P
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2011-09-28


Similar Part No. - MTE8560P

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8560P MARKTECH-MTE8560P Datasheet
535Kb / 2P
   High Power Infrared LED
MTE8560P MARKTECH-MTE8560P_15 Datasheet
535Kb / 2P
   High Power Infrared LED
More results

Similar Description - MTE8560P

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS8085P_1105 MARKTECH-MTPS8085P_1105 Datasheet
789Kb / 4P
   Peak Emission Wavelength: 850nm
MT5850_IR MARKTECH-MT5850_IR Datasheet
573Kb / 2P
   Peak Emission Wavelength: 850nm
MTE8600M2 MARKTECH-MTE8600M2 Datasheet
484Kb / 3P
   Peak Emission Wavelength: 850nm
MTE8600C MARKTECH-MTE8600C Datasheet
613Kb / 3P
   Peak Emission Wavelength: 850nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
   Peak Emission Wavelength: 850nm
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
   Peak Emission Wavelength: 850nm
MTPS9085NJ1 MARKTECH-MTPS9085NJ1 Datasheet
558Kb / 3P
   Peak Emission Wavelength: 850nm
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
   Peak Emission Wavelength: 850nm
MTE8600N5 MARKTECH-MTE8600N5 Datasheet
604Kb / 3P
   Peak Emission Wavelength: 850nm
MTPS2085BSL MARKTECH-MTPS2085BSL Datasheet
591Kb / 3P
   Peak Emission Wavelength: 850nm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com