Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4103A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4103A
Description  192kHz 24-Bit DIT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4103A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4103A Datasheet HTML 1Page - Asahi Kasei Microsystems AK4103A Datasheet HTML 2Page - Asahi Kasei Microsystems AK4103A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4103A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4103A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4103A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4103A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4103A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4103A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
[AK4103A]
MS0251-E-01
2009/01
- 1 -
GENERAL DESCRIPTION
The AK4103A is a digital audio transmitter (DIT) which supports data rate up to 192kHz sample rate
operation. The AK4103A supports AES3, IEC60958, S/PDIF & EIAJ CP1201 interface standards. The
AK4103A accepts audio data, auxiliary information data and etc, which is then biphase-encoded and
driven on to a cable. The audio serial port supports eight formats.
FEATURES
Sampling Rate up to 192kHz
Support AES3, IEC60958, S/PDIF & EIAJ CP1201 professional and consumer formats
Generates CRCC codes and parity bits
On-chip RS422 line driver
16-byte on-chip buffer memory for Channel Status and User bits
Supports synchronous/asynchronous access to Channel Status and User bits
Supports multiple clock frequencies: 128fs, 256fs, 384fs and 512fs
Supports Left/Right justified and I
2S audio formats
Easy to use 4 wire, Serial Host Interface
Audio Routing Mode (Transparent Mode)
Power supply: 4.75 to 5.25V
TTL level I/F
Small Package: 24pin VSOP
Temperature range of - 40 to 85
°C
192kHz 24-Bit DIT
AK4103A


Similar Part No. - AK4103A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4103A AKM-AK4103A Datasheet
298Kb / 26P
   192 KHZ 24 BIT DIT
AK4103AVF AKM-AK4103AVF Datasheet
298Kb / 26P
   192 KHZ 24 BIT DIT
More results

Similar Description - AK4103A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4104-A AKM-AKD4104-A Datasheet
579Kb / 19P
   192kHz 24-Bit 3.3V DIT
AK4104 AKM-AK4104 Datasheet
510Kb / 20P
   192kHz 24-Bit 3.3V DIT
AK4104 AKM-AK4104_10 Datasheet
382Kb / 21P
   192kHz 24-Bit 3.3V DIT
AK4101A AKM-AK4101A Datasheet
317Kb / 29P
   QUAD OUTPUTS 192KHZ 24 BIT DIT
AK4103A AKM-AK4103A Datasheet
298Kb / 26P
   192 KHZ 24 BIT DIT
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com