Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4112B Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4112B
Description  High Feature 96kHz 24bit DIR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4112B Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4112B_12 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4112B_12 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4112B_12 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4112B_12 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4112B_12 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4112B_12 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4112B_12 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4112B_12 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4112B_12 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
[AK4112B]
MS0078-E-03
2012/01
- 11 -
Sampling Frequency and Pre-emphasis Detect
The AK4112B outputs the encoded information of sampling frequency and pre-emphasis in channel status to FS0, FS1
and PEM bits in control register. These information are output from channel 1 at default. It can be switched to channel 2
by CS12 bit in control register.
FS1
FS0
fs
Byte 3
Bits 0-3
0
0
44.1kHz
0000
0
1
Reserved
all others
1
0
48kHz
0100
1
1
32kHz
1100
Table 3. fs information in Consumer Mode
FS1
FS0
fs
Byte 0
Bits 6-7
0
0
44.1kHz
10
0
1
Reserved
00
1
0
48kHz
01
1
1
32kHz
11
Table 4. fs information in Profession Mode
PEM
Pre-emphasis
Byte 0
Bits 3-5
0
OFF
≠ 0X100
1
ON
0X100
Table 5. PEM in Consumer Mode
PEM
Pre-emphasis
Byte 0
Bits 2-4
0
OFF
≠110
1
ON
110
Table 6. PEM in professional Mode


Similar Part No. - AK4112B_12

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
More results

Similar Description - AK4112B_12

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4112B AKM-AK4112B Datasheet
334Kb / 30P
   HIGH FEATURE 96kHz 24BIT DIR
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com