Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4117 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4117
Description  Low Power 192kHz Digital Audio Receiver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4117 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4117_10 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4117_10 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4117_10 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4117_10 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4117_10 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4117_10 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4117_10 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4117_10 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4117_10 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
[AK4117]
MS0157-E-04
2010/08
- 4 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
R
-
External Resistor Pin
12k
Ω-5% ~ 13kΩ+5% resistor to AVSS externally.
2
AVDD
-
Analog Power Supply Pin
3
RX1
I
Receiver Channel 1 (Internal Biased Pin)
4
NC
-
No Connect
No internal bonding.
5
RX0
I
Receiver Channel 0 (Internal Biased Pin)
6
DVDD
-
Digital Power Supply Pin
7
DVSS
-
Digital Ground Pin
8
XTI
I
X'tal Input Pin
9
XTO
O
X'tal Output Pin
10
LRCK
O
Output Channel Clock Pin
11
BICK
O
Audio Serial Data Clock Pin
12
SDTO
O
Audio Serial Data Output Pin
13
DAUX
I
Auxiliary Audio Data Input Pin
14
MCKO
O
Master Clock Output Pin
15
NC
-
No Connect
No internal bonding.
16
UOUT
O
U-bit Output Pin
When UOUTE bit = “0”, UOUT pin = “L”.
17
CDTO
O
Control Data Output Pin
18
CDTI
I
Control Data Input Pin
19
CCLK
I
Control Data Clock Pin
20
CSN
I
Chip Select Pin
21
INT1
O
Interrupt 1 Pin
22
INT0
O
Interrupt 0 Pin
23
PDN
I
Power-Down & Reset Pin
When “L”, the AK4117 is powered-down and reset, and all output pins go to
“L” and the control registers are reset to default state.
24
AVSS
-
Analog Ground Pin
Note 1: All input pins except internal biased pins should not be left floating.


Similar Part No. - AK4117_10

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4117VF AKM-AK4117VF Datasheet
342Kb / 36P
   LOW POWER 192KHZ DIGITAL AUDIO RECEIVER
More results

Similar Description - AK4117_10

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4117 AKM-AK4117 Datasheet
342Kb / 36P
   LOW POWER 192KHZ DIGITAL AUDIO RECEIVER
AKD4113-B AKM-AKD4113-B Datasheet
330Kb / 21P
   192kHz digital audio receiver
AKD4116-B AKM-AKD4116-B Datasheet
235Kb / 19P
   192kHz digital audio receiver
AK4116 AKM-AK4116 Datasheet
335Kb / 36P
   LOW POWER 48KHZ DIGITAL AUDIO RECEIVER
AK4116 AKM-AK4116_05 Datasheet
361Kb / 37P
   Low Power 48kHz Digital Audio Receiver
logo
Texas Instruments
DIT4192 TI-DIT4192 Datasheet
339Kb / 22P
[Old version datasheet]   192kHz Digital Audio Transmitter
DIT4192 TI1-DIT4192_15 Datasheet
952Kb / 27P
[Old version datasheet]   192kHz Digital Audio Transmitter
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com