Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4122A Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4122A
Description  24-Bit 96kHz SRC with DIR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4122A Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4122A Datasheet HTML 1Page - Asahi Kasei Microsystems AK4122A Datasheet HTML 2Page - Asahi Kasei Microsystems AK4122A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4122A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4122A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4122A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4122A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4122A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4122A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
[AK4122A]
MS1076-E-01
2010/05
- 4 -
PIN/FUNCTION
No. Pin Name
I/O
Function
1
CDTI
I
Control Data Input Pin
2
CDTO
O
Control Data Output Pin
3
TST1
O
Test 1 Pin
4
INT2
O
Interrupt 2 Pin
5
TST2
O
Test 2 Pin
6
TST3
I
Test 3 Pin
This pin should be connected to DVSS.
7
M/S2
I
Master / Slave Mode Pin for PORT2
“H” : Master mode, “L” : Slave Mode
8
M/S3
I
Master / Slave Mode Pin for PORT3
“H” : Master mode, “L” : Slave Mode
9
SMUTE
I
Soft Mute Pin
“H” : Soft Mute, “L” : Normal Operation
10
TST4
I
Test 4 Pin
This pin should be connected to AVSS.
11
TST5
I
Test 5 Pin
This pin should be connected to AVSS.
12
FILT
O
PLL Loop Filter Pin
470
Ω±5% resistor and 2.2μF±50% ceramic capacitor in parallel with a
2.2nF
±50% ceramic capacitor should be connected to AVSS externally.
13
AVSS
-
Analog Ground Pin
14
AVDD
-
Analog Power Supply Pin, 3.0
∼ 3.6V
15
TST6
I
Test 6 Pin
This pin should be connected to AVSS.
16
RX1
I
Receiver Input 1 Pin with Amp for 0.2Vpp (Internal Biased Pin)
17
TST7
I
Test 7 Pin
This pin should be connected to AVSS.
18
RX2
I
Receiver Input 2 Pin with Amp for 0.2Vpp (Internal Biased Pin)
19
TST8
I
Test 8 Pin
This pin should be connected to AVSS.
20
RX3
I
Receiver Input 3 Pin with Amp for 0.2Vpp (Internal Biased Pin)
21
TST9
I
Test 9 Pin
This pin should be connected to AVSS.
22
RX4
I
Receiver Input 4 Pin with Amp for 0.2Vpp (Internal Biased Pin)
23
TST10
I
Test 10 Pin
This pin should be connected to AVSS.
24
TST11
O
Test 11 Pin
Note: All input pins except internal biased pins should not be left floating.


Similar Part No. - AK4122A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK4122 ETC-AK4122 Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
logo
List of Unclassifed Man...
AK4122VQ ETC-AK4122VQ Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122VQ AKM-AK4122VQ Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122VQ AKM-AK4122VQ Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
More results

Similar Description - AK4122A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK4122 ETC-AK4122 Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122 AKM-AK4122_1 Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4112B AKM-AK4112B Datasheet
334Kb / 30P
   HIGH FEATURE 96kHz 24BIT DIR
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com