Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYM72V2005GS-50- Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYM72V2005GS-50-
Description  2M x 72-Bit EDO-DRAM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V2005GS-50- Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYM72V2005GS-50- Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V2005GS-50- Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V2005GS-50- Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V2005GS-50- Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V2005GS-50- Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V2005GS-50- Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V2005GS-50- Datasheet HTML 9Page - Siemens Semiconductor Group HYM72V2005GS-50- Datasheet HTML 10Page - Siemens Semiconductor Group HYM72V2005GS-50- Datasheet HTML 11Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Semiconductor Group
9
HYM72V2005GS-50/-60
2M x 72-ECC Module
Hyper Page Mode Read-Modify-Write Cycle
Hyper page mode read-write cycle time
t
PRWC
60
70
ns
11
CAS precharge to WE
tCPWD
43
51
ns
11,21
CAS-before-RAS Refresh Cycle
CAS setup time
t
CSR
12
12
ns
11
CAS hold time
tCHR
8–8–
ns
10
RAS to CAS precharge time
tRPC
5–5–
ns
Write to RAS precharge time
tWRP
12
12
ns
11
Write hold time referenced to RAS
tWRH
8–8–
ns
10
Presence Detect Read Cycle
PDE to valid presence detect data
tPD
–10
10
ns
PDE inactive to presence detects
inactive
tPDOFF
010
0
10
ns
AC Characteristics (cont’d) (note: 5,6,7,8)
T
A = 0 to 70 °C,VCC = 3.3 ± 0.3 V
Parameter
Symbol
-50
-60
Unit
Note
min.
max.
min.
max.


Similar Part No. - HYM72V2005GS-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V2005GU-50 SIEMENS-HYM72V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM72V2005GU-60 SIEMENS-HYM72V2005GU-60 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
More results

Similar Description - HYM72V2005GS-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
HYM72V1625GS-50- SIEMENS-HYM72V1625GS-50- Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com