Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4129 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4129
Description  6ch 216kHz / 24-Bit Asynchronous SRC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4129 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4129 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
[AK4129]
MS1173-E-02
2011/06
- 2 -
Output
Serial
Audio
I/F
DEM
Input
Serial
Audio
I/F
SRC1
FIR
SRC
SMUTE
+
Dither
Bypass
SRC
0.5 LSB
IBICK1
SDTI1
ILRCK1
DEM
Input
Serial
Audio
I/F
SRC2
FIR
SRC
SMUTE
+
Dither
Bypass
SRC
IBICK2
SDTI2
ILRCK2
SDTO1
SDTO2
DEM
Input
Serial
Audio
I/F
SRC3
FIR
SRC
SMUTE
+
Dither
Bypass
SRC
IBICK3
SDTI3
ILRCK3
SDTO3
OLRCK
OBICK
OBIT1
OBIT2
ODIF1
ODIF0
0.5 LSB
0.5 LSB
MCKO
Clock
Div
CM2 CM1 CM0
IMCLK
Bypass
SRC
X 'tal
Osc
.
OMCLK/XTI
XTO
uP
I/F
SDA
SPB
CAD0
PDN
PM1
UNLOCK
AVDD
VSS1
SCL
PM2
Internal
OSC
Internal
Regulator
REF
VD18
Figure 1. AK4129 Block Diagram (Synchronous mode INAS pin = “L”)
Output
Serial
Audio
I/F
DEM
Input
Serial
Audio
SRC1
FIR
SRC
SMUTE
+
Dither
Bypass
SRC
BICK1
SDTI1
LRCK1
DEM
Input
Serial
Audio
SRC2
FIR
SRC
SMUTE
+
Dither
Bypass
SRC
BICK2
SDTI2
LRCK2
SDTO1
SDTO2
DEM
Input
Serial
Audio
I/F
SRC3
FIR
SRC
SMUTE
+
Dither
Bypass
SRC
BICK3
SDTI3
LRCK3
SDTO3
OLRCK
OBICK
OBIT1
OBIT0
0.5LSB
ODIF1
ODIF0
I/F
I/F
MCKO
Clock
Div.
CM2 CM1 CM0
IMCLK
Bypass
SRC
X'tal
Osc .
OMCLK/XTI
XTO
SCL
uP
I/F
SDA
SPB
CAD0
PDN
PM1
UNLOCK
AVDD
VSS1
PM2
0.5LSB
0.5LSB
Internal
Regulator
REF
VD18
Internal
OSC
Figure 2. AK4129 Block Diagram (Asynchronous mode INAS pin = “H”)


Similar Part No. - AKD4129

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4129-A AKM-AKD4129-A Datasheet
2Mb / 52P
   Evaluation board
More results

Similar Description - AKD4129

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4129 AKM-AK4129 Datasheet
710Kb / 50P
   6ch 216kHz / 24-Bit Asynchronous SRC
AK4128A AKM-AK4128A Datasheet
764Kb / 50P
   8ch 216kHz / 24-Bit Asynchronous SRC
AK4126 AKM-AK4126 Datasheet
233Kb / 27P
   6ch 192kHz / 24-Bit Asynchronous SRC
logo
Texas Instruments
PCM4104PFBTG4 TI1-PCM4104PFBTG4 Datasheet
1Mb / 40P
[Old version datasheet]   High-Performance, 24-Bit,216kHz Sampling
logo
Asahi Kasei Microsystem...
AK4357 AKM-AK4357 Datasheet
182Kb / 27P
   192kHz 24-Bit 6ch DAC with DSD Input
AK4355 AKM-AK4355 Datasheet
160Kb / 24P
   192kHz 24-Bit 6ch DAC for DVD-Audio
AK4122 AKM-AK4122_1 Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
logo
List of Unclassifed Man...
AK4122 ETC-AK4122 Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122A AKM-AK4122A Datasheet
535Kb / 54P
   24-Bit 96kHz SRC with DIR
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com