Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4160 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4160 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4160 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 9 -
OPERATION OVERVIEW
Operation of Touch Sensor
The touch switch (capacitor) that is connected to the sense input is charged up with direct current during a given period of
time. The switch is connected to ground before the measurement. As a result, the touch switch capacitance is completely
discharged before start being charged. When the touch switch is fully charged, the voltage is inversely proportional to the
capacitance. When the touch switch is touched, this charge voltage decreases because the capacitance value when the
switch is touched is larger than when not touched. The charged voltage is converted to a digital data by ADC. The data is
get through the noise reduction filter, and compared to a touch threshold value. When the measurement value exceeds the
threshold that is corrected environmental drifts, the AK4160 updates the status register to the touch detected state.
SAR
ADC
VDD
VSS
Environmental
Drifts
Correction
Second
Noise Reduction
Filter
First
Noise Reduction
Filter
VSS
Touch Switch
Control Logic
(Touch Detection)
Figure 5. Touch Sensor Block Diagram
Capacitance – Voltage Converter
The touch switch (capacitance C), that is connected to the sense terminal, is charged with a direct current I during the
period T. The voltage of the sense terminal is V=(I × T)/C, and if the values of I and T are constant, the charged voltage is
inversely proportional to the value of capacitance C. The charge voltage is decreased by V=(I × T)/(C+dC) when the
capacitance C is increased by dC by touching the touch switch comparing with the not touched status. After the voltage is
charged, the AK4160 discharges the sense terminal by a direct current I, during T period. At the same time, the ADC
converts the terminal value. The sense terminal must be connected to ground before the next measurement. The next
measurement should be started when the sense terminal is discharged completely.
Next Measurement
V
T
T
Charge
Discharge
Ground
A/D Convert
Measurement
value
C
T
I
V
×
=
dC
C
T
I
V
+
×
=
(Not Touched)
(Touched)
Figure 6. The Voltage Transaction of a Sense Terminal


Similar Part No. - AKD4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
   Evaluation board Rev.0 for AK4160
More results

Similar Description - AKD4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
   PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
   Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
   Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com