Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4183KT Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4183KT
Description  I2C Touch Screen Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4183KT Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4183KT Datasheet HTML 1Page - Asahi Kasei Microsystems AK4183KT Datasheet HTML 2Page - Asahi Kasei Microsystems AK4183KT Datasheet HTML 3Page - Asahi Kasei Microsystems AK4183KT Datasheet HTML 4Page - Asahi Kasei Microsystems AK4183KT Datasheet HTML 5Page - Asahi Kasei Microsystems AK4183KT Datasheet HTML 6Page - Asahi Kasei Microsystems AK4183KT Datasheet HTML 7Page - Asahi Kasei Microsystems AK4183KT Datasheet HTML 8Page - Asahi Kasei Microsystems AK4183KT Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
[AK4183]
MS0500-E-01
2008/12
2
Ordering Guide
AK4183VT
-40
°C ∼ +85°C
10pin TMSOP (0.5mm pitch)
Commercial Version
AK4183KT
-40
°C ∼ +85°C
10pin TMSOP (0.5mm pitch)
Automotive Version
Pin Layout
Top View
10
9
6
7
8
SCL
SDA
PENIRQN
GND
CAD0
5
4
3
2
1
VCC
XP
XN
YP
YN
PIN/FUNCTION
No.
Signal Name
I/O
Description
1
VCC
-
Power Supply
2
XP
I/O
Touch Screen X+ plate Voltage supply
X axis Measurement: Supplies the voltage to X+ position input of the touch panel.
Y axis Measurement: This pin is used as the input for the A/D converter
Pen Pressure Measurement: This pin is the input for the A/D converter at Z1 measurement.
Pen Waiting State: Pulled up by an internal resistor (typ.10K ohm).
3
YP
I/O
Touch Screen Y+ plate Voltage supply
X axis Measurement: This pin is used as the input for the A/D converter
Y axis Measurement: Supplies the voltage to Y+ position input of the touch panel
Pen Pressure Measurement: Supplies the voltage to Y+ position input of the touch panel.
Pen Waiting State: OPEN state
4
XN
I/O
Touch Screen X- plate Voltage supply
X axis Measurement: Supplies the voltage to X- position input of the touch panel
Y axis Measurement: OPEN state
Pen Pressure Measurement: Supplies the voltage to X- position input of the touch panel
Pen Waiting State: OPEN state
5
YN
I/O
Touch Screen Y- plate Voltage supply
X axis Measurement: OPEN state
Y axis Measurement: Supplies the voltage to Y- position input of the touch panel
Pen Pressure Measurement: This pin is the input for the A/D converter at Z2 measurement.
Pen Waiting State: connected to GND.
6
GND
-
Ground
7
PENIRQN
O
Pen Interrupt Output
This pin is “L” during the pen down on pen interrupt enabled state otherwise this pin is “H”.
This pin is “L” during pen interrupt disabled state regardless pen touch.
8
CAD0
I
I
2C bus Slave Address bit 0
9
SDA
I/O
I
2C serial data
10
SCL
I
I
2C serial clock


Similar Part No. - AK4183KT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
168Kb / 17P
   I2C Touch Screen Controller
AK4183 AKM-AK4183 Datasheet
246Kb / 18P
   I2C Touch Screen Controller
AK4183VT AKM-AK4183VT Datasheet
168Kb / 17P
   I2C Touch Screen Controller
More results

Similar Description - AK4183KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2003 TI-TSC2003 Datasheet
418Kb / 22P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
246Kb / 18P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003-Q1 TI1-TSC2003-Q1 Datasheet
548Kb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
168Kb / 17P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003 TI1-TSC2003_16 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com