Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4201EU Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4201EU
Description  Stereo Cap-less HP-Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4201EU Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4201EU Datasheet HTML 1Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 2Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 3Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 4Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 5Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 6Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 7Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 8Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
[AK4201]
MS1077-E-01
2011/02
- 3 -
Ordering Guide
AK4201EU
−40 ∼ +85°C
12pin USON (2.2mm x 2.9mm, 0.5mm pitch)
AKD4201
Evaluation board for AK4201
Pin Layout
1
LIN
Top
View
2
3
4
12
11
10
9
5
6
8
7
LOUT
AVDD
VSS1
PVDD
CN
RIN
ROUT
PVEE
VSS2
PDN
CP


Similar Part No. - AK4201EU

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4201EU AKM-AK4201EU Datasheet
243Kb / 13P
   Stereo Cap-less HP-Amp
More results

Similar Description - AK4201EU

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4201 AKM-AK4201 Datasheet
243Kb / 13P
   Stereo Cap-less HP-Amp
AK4213 AKM-AK4213 Datasheet
768Kb / 38P
   Mono Class-D SPK-Amp with Stereo Cap-less HP-Amp
AK4203 AKM-AK4203 Datasheet
244Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4204 AKM-AK4204 Datasheet
310Kb / 13P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4203 AKM-AK4203 Datasheet
152Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4712 AKM-AK4712 Datasheet
454Kb / 30P
   Stereo Cap-less LINE-Amp and HD Video-Amp
logo
Synaptics Incorporated.
CX20787 CONEXANT-CX20787 Datasheet
864Kb / 2P
   Cap-less Stereo class G
logo
Asahi Kasei Microsystem...
AK4955 AKM-AK4955 Datasheet
1Mb / 117P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP/ LDO & DSP
AK4950 AKM-AK4950 Datasheet
976Kb / 106P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com