Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4201 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4201
Description  Stereo Cap-less HP-Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4201 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4201 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4201 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4201 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4201 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4201 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4201 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4201 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4201 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4201 Datasheet HTML 14Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
[AK4201]
MS1077-E-01
2011/02
- 10 -
Power-Up/Down Sequence
The PDN pin must keep “L” until all power supply pins (AVDD, PVDD) are supplied, and must be set to “H” after.
Power Supply
PDN pin
PVEE pin
LOUT/ROUT pins
(1)
0V
PVEE pin Output =-3.3V(Typ.)
0V
0V
(2)
(3)
Normal Operation(0V Common)
0V
Don’t Care
Normal Operation
The Device in
front of AK4201
DAC etc
Don’t Care
(5)
The Device in
front of AK4201
Click noise
0V
Power Up
(No Signal Output)
(4)
A
Ta
Figure 4. Power-up/down Sequence example
(1) The interval from power Up to PDN pin = “L” → “H”
“L” time of 150ns or more is needed to reset the AK4201.
The power should be ON when the PDN pin = “L”. The PDN pin should be set to “H” after power supply
(AVDD, PVDD) are ON.
(2) The interval from power-up of the signal source device in front of the AK4201 to the AK4201’s PDN pin transition
from “L” to “H”
The other device should be powered up with no signal (e.g. MUTE). When a step wave (an instant DC level change)
is output from the other device at the power-up, a high pass filter response wave will occur at “A” timing of Figure
4, according to the time constant of the input coupling capacitor (Ci) and the input resistor(Ri) in front of the
AK4201. In order to prevent this pop noise through the AK4201, a wait time “Ta” is required after the other devices
are powered-up. The AK4201 can attenuate pop noises of the other device by a built-in mute circuit during
shutdown mode (PDN pin= “L”).
Ta calculation example: (in the case of Ci =0.22uF, Ri = 20kΩ)
τ=0.22u * 20k = 4.4ms
Ta =τ* 7.6 = 33ms
(When noise level by former device= 2V, response wave level= 1mV. 7.6*τ is needed)
If a waiting time is not sufficient, a pop noise might occur, but there is no problem for the normal operation.
(3) The AK4201 is in normal operation 50ms (max) after the PDN pin goes to “H”. The other device in front of the
AK4201 should be still muted during this interval (50ms).
(4) The other device in front of the AK4201 should start outputting the signal after the AK4201 starts Normal
Operation. If click noise is generated by former device when MUTE is canceled, it will be output from the AK4201.
(5) The PDN pin = “L”. LOUT/ROUT pins short to VSS1 with 20Ω(typ.). After 50ms (max.), the PVEE pin will be 0V
according to a capacitor which connected to PVEE and internal resistance (typ. 17.5kΩ). The AK4201 can be
powered up again after 150ns or more from the PDN pin = “L”.


Similar Part No. - AKD4201

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201 AKM-AKD4201 Datasheet
243Kb / 13P
   Stereo Cap-less HP-Amp
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 17P
   Evaluation Board
More results

Similar Description - AKD4201

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4201 AKM-AK4201 Datasheet
243Kb / 13P
   Stereo Cap-less HP-Amp
AK4213 AKM-AK4213 Datasheet
768Kb / 38P
   Mono Class-D SPK-Amp with Stereo Cap-less HP-Amp
AK4203 AKM-AK4203 Datasheet
244Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4204 AKM-AK4204 Datasheet
310Kb / 13P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4203 AKM-AK4203 Datasheet
152Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4712 AKM-AK4712 Datasheet
454Kb / 30P
   Stereo Cap-less LINE-Amp and HD Video-Amp
logo
Synaptics Incorporated.
CX20787 CONEXANT-CX20787 Datasheet
864Kb / 2P
   Cap-less Stereo class G
logo
Asahi Kasei Microsystem...
AK4955 AKM-AK4955 Datasheet
1Mb / 117P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP/ LDO & DSP
AK4950 AKM-AK4950 Datasheet
976Kb / 106P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com