Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4213 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4213
Description  Mono Class-D SPK-Amp with Stereo Cap-less HP-Amp
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4213 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4213 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4213 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4213 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4213 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4213 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4213 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4213 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4213 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4213 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
[AK4213]
MS0949-E-01
- 5 -
2008/07
ABSOLUTE MAXIMUM RATING
(VSS1=VSS2=VSS2=0V; Note 2)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
AVDD
−0.3
6.0
V
(Note 3)
Digital I/F
TVDD
−0.3
6.0
V
Speaker-Amp & Headphone-Amp
SVDD
−0.3
6.0
V
Charge Pump
PVDD
−0.3
4.0
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage (Note 4)
VINA1
−0.3
(AVDD + 0.3) or 6.0
V
(Note 5)
VINA2
−0.3
(SVDD + 0.3) or 6.0
V
Digital Input Voltage (Note 6)
VIND
−0.3
(TVDD + 0.3) or 6.0
V
Ambient Temperature (powered applied)
Ta
−40
85
°C
Storage Temperature
Tstg
−65
150
°C
Ta=85ºC (Note 8)
Pd1
-
0.65
W
Maximum Power Dissipation
(Note 7)
Ta=70ºC (Note 9)
Pd2
-
0.8
W
Note 2. All voltages with respect to ground.
Note 3. VSS1, VSS2, and VSS3 must be connected to the same analog plane.
Note 4. LIN1/IN1-, RIN1/IN1+, LIN2/IN2-, RIN2/IN2+, LIN3/IN3-, RIN3/IN3+ and SPIN pins
The maximum value is low value either (AVDD+0.3)V or 6.0V.
Note 5. RVINP and RVINN pins
The maximum value is low value either (SVDD+0.3)V or 6.0V.
Note 6. SDA, SCL and PDN pins.
The maximum value is low value either (TVDD+0.3)V or 6.0V.
Pull-up resistors at SCL and SDA pins should be connected to (TVDD + 0.3)V or less voltage.
Note 7. In case that PCB wiring density is 300% or more. This power is the AK4213 internal dissipation that does not
include power of externally connected headphone and speaker.
Note 8. In the case of Ta=85ºC, HP-Amp and SPK-Amp must not be powered-up simultaneously. When SPK-Amp be
used, HP-Amp should power-down, and the power of SPK-Amp should less than 1.3W @8Ω.
Note 9. In the case of Ta=70ºC, HP-Amp and SPK-Amp can be powered-up simultaneously. When HP-Amp and
SPK-Amp be used simultaneously, the power of HP-Amp should less than 30mW @16Ω, and the power of
SPK-Amp should less than 1.2W @8Ω.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.


Similar Part No. - AK4213

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AK421 ALTECH-AK421 Datasheet
352Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 421
More results

Similar Description - AK4213

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4201 AKM-AK4201_11 Datasheet
223Kb / 14P
   Stereo Cap-less HP-Amp
AK4201 AKM-AK4201 Datasheet
243Kb / 13P
   Stereo Cap-less HP-Amp
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4343VN AKM-AK4343VN Datasheet
851Kb / 99P
   Stereo DAC with HP/RCV/SPK-AMP
AK4343 AKM-AK4343 Datasheet
837Kb / 98P
   Stereo DAC with HP/RCV/SPK-AMP
AK4955 AKM-AK4955 Datasheet
1Mb / 117P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP/ LDO & DSP
AK4950 AKM-AK4950 Datasheet
976Kb / 106P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com