Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4223 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4223
Description  6:2 Audio Switch and 6:2 Video Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4223 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4223 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4223 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4223 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4223 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4223 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4223 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4223 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4223 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4223 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
[AK4223]
MS1251-E-00
8
2010/10
ANALOG CHARACTERISTICS (Video)
(Ta = 25
°C; AVDD= RVDD= VVDD= 9.0V; VSS1= VSS2 = 0V; VGAIN= +6dB, VGCA=0dB; VR1/2 bit=“0”; unless
otherwise specified.)
Parameter
Conditions
min
typ
max
Units
VGAIN=+3dB, +6dB
200
mV
Sync tip clamp level
(Note 11)
VGAIN=-3dB, 0dB
500
mV
6dB
-
7
-
dB
3dB
-
4
-
dB
0dB
-
1
-
dB
VGCA=+1dB
-3dB
-
-2
-
dB
6dB
5.6
6
6.4
dB
3dB
2.6
3
3.4
dB
0dB
-0.4
0
0.4
dB
VGCA=0dB
-3dB
-3.4
-3
-2.6
dB
6dB
-
5
-
dB
3dB
-
2
-
dB
0dB
-
-1
-
dB
Gain
Input=0.3Vp-p, 100kHz
VGCA=-1dB
-3dB
-
-4
-
dB
VGCA step
-
0.1
-
dB
Response at 6MHz
-1.0
+1.0
dB
Response at 27MHz
-
-35
-
dB
Frequency Response
Input=0.3Vpp, Sin Wave
(0dB at 100kHz)
Group Delay Distortion
|GD3MHz – GD6MHz|
10
40
ns
Input Impedance
300
k
Ω
Input Signal
1.5
Vpp
Inter channel Isolation
f=4.43MHz, 1Vpp input
-
52
dB
S/N
Reference Level = 0.7Vp-p,
BW= 100kHz to 6MHz.
-
65
dB
Differential Gain
0.7Vpp 5steps modulated staircase.
Chrominance & burst are 280mVpp, 4.43MHz.
+0.4
-
%
Differential Phase
0.7Vpp 5steps modulated staircase.
Chrominance & burst are 280mVpp, 4.43MHz.
+1
-
Degree
VR1/2 bit = “0”, R1+R2 (Figure 4)
140
150
160
Ω
Load Resistance
VR1/2 bit = “1”, R1 (Figure 5)
100
-
-
k
Ω
VR1/2 bit = “0”, (Figure 4)
C1
C2
1.5
15
nF
pF
Load Capacitance
VR1/2 bit = “1”, (Figure 5)
C1+C2
15
pF
CMRR
f=20kHz, 1Vp-p input
34
55
dB
Note 11. At the measurement point A in Figure 3. Idling DC output level is 200mV(max) when VGAIN=+6dB or +3db,
and 500mV(max) when VGAIN=0dB or -3dB.
VOUT
75
Ω
75
Ω
0V
a
Pedestal Volltage
a: 100mV(max): VGAIN=+3dB, +6dB
Measurment point A
Figure 3. Measurement Point


Similar Part No. - AKD4223

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4223-A AKM-AKD4223-A Datasheet
1,015Kb / 31P
   AK4223 Evaluation Board Rev.2
More results

Similar Description - AKD4223

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2079Q SONY-CXA2079Q Datasheet
387Kb / 20P
   S2-Compatible 6-Input 2-Output Audio/Video Switch
logo
Asahi Kasei Microsystem...
AK4220 AKM-AK4220 Datasheet
552Kb / 33P
   7:3 Audio Switch and 6:3 Video Switch
logo
STMicroelectronics
STV6417 STMICROELECTRONICS-STV6417 Datasheet
69Kb / 6P
   Audio/video switch and 6-channel SD video filter
STV6418 STMICROELECTRONICS-STV6418_11 Datasheet
103Kb / 4P
   Audio/video switch and 6-channel SD/PS/HD video filter
STV6418 STMICROELECTRONICS-STV6418 Datasheet
70Kb / 6P
   Audio/video switch and 6-channel SD/PS/HD video filter
logo
Hexawave, Inc
HWS541_V1 HW-HWS541_V1 Datasheet
52Kb / 2P
   GaAs 2-6 GHz SPDT Switch
logo
JFW Industries, Inc.
75MS-030 JFW-75MS-030 Datasheet
37Kb / 2P
   2 x 6 BLOCKING SWITCH MATRIX
logo
Hexawave, Inc
HWS504_V3 HW-HWS504_V3 Datasheet
74Kb / 3P
   GaAs 2-6 GHz SPDT Switch
logo
Mitsumi Electronics, Co...
MM1120 MITSUMI-MM1120 Datasheet
126Kb / 5P
   2-Input 2-Output Video Switch
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
   Audio-Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com