Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4392EQ Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4392EQ
Description  High Performance 120dB Premium 32-Bit DAC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4392EQ Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4392EQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4392EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4392EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4392EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4392EQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4392EQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4392EQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK4392EQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK4392EQ Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
[AK4392]
MS1045-E-02
2009/04
- 9 -
SHARP ROLL-OFF FILTER CHARACTERISTICS (fs = 44.1kHz)
(Ta=25
°C; AVDD=VDDL/R=4.75 ∼ 5.25V, DVDD=4.75 ∼ 5.25V; Normal Speed Mode; DEM=OFF; SD bit=“0”)
Parameter
Symbol
min
typ
max
Units
Digital Filter
Passband
(Note 12)
±0.01dB
−6.0dB
PB
0
-
22.05
20.0
-
kHz
kHz
Stopband
(Note 12)
SB
24.1
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
100
dB
Group Delay
(Note 13)
GD
-
36
-
1/fs
Digital Filter + SCF
Frequency Response: 0
∼ 20.0kHz
-
±0.2
-
dB
SHARP ROLL-OFF FILTER CHARACTERISTICS (fs = 96kHz)
(Ta=25
°C; AVDD=VDDL/R=4.75 ∼ 5.25V, DVDD=4.75 ∼ 5.25V; Double Speed Mode; DEM=OFF; SD bit=“0”)
Parameter
Symbol
min
typ
max
Units
Digital Filter
Passband
(Note 12)
±0.01dB
−6.0dB
PB
0
-
48.0
43.5
-
kHz
kHz
Stopband
(Note 12)
SB
52.5
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
95
dB
Group Delay
(Note 13)
GD
-
36
-
1/fs
Digital Filter + SCF
Frequency Response: 0
∼ 40.0kHz
-
±0.3
-
dB
SHARP ROLL-OFF FILTER CHARACTERISTICS (fs = 192kHz)
(Ta=25
°C; AVDD=VDDL/R=4.75 ∼ 5.25V, DVDD=4.75 ∼ 5.25V; Quad Speed Mode; DEM=OFF; SD bit=“0”)
Parameter
Symbol
min
typ
max
Units
Digital Filter
Passband
(Note 12)
±0.01dB
−6.0dB
PB
0
-
96.0
87.0
-
kHz
kHz
Stopband
(Note 12)
SB
105
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
90
dB
Group Delay
(Note 13)
GD
-
36
-
1/fs
Digital Filter + SCF
Frequency Response: 0
∼ 80.0kHz
-
+0/
−1
-
dB
Note 12. The passband and stopband frequencies scale with fs. For example, PB=0.4535×fs (@
±0.01dB), SB=0.546×fs.
Note 13. The calculating delay time which occurred by digital filtering. This time is from setting the 16/20/24bit data of
both channels to input register to the output of analog signal.


Similar Part No. - AK4392EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4390 AKM-AK4390 Datasheet
444Kb / 32P
   Ultra Low Latency 32-Bit ?誇 DAC
AK4390EF AKM-AK4390EF Datasheet
444Kb / 32P
   Ultra Low Latency 32-Bit ?誇 DAC
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
   ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
AK4393 AKM-AK4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
AK4393 AKM-AK4393 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
More results

Similar Description - AK4392EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
   High Performance 120dB 32-Bit 4ch DAC
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
   High Performance Premium 32-Bit DAC
AK4399 AKM-AK4399 Datasheet
660Kb / 41P
   High Performance 123dB Premium 32-Bit DAC
AK4413EQ AKM-AK4413EQ Datasheet
833Kb / 48P
   High Performance 120dB 24-Bit 4ch DAC
logo
List of Unclassifed Man...
AK4413EQP ETC2-AK4413EQP Datasheet
576Kb / 47P
   High Performance 120dB 24-Bit 4ch DAC
logo
Asahi Kasei Microsystem...
AK4490EN AKM-AK4490EN Datasheet
1Mb / 42P
   Premium 32-Bit 2ch DAC
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490 AKM-AK4490 Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4480 AKM-AK4480 Datasheet
575Kb / 44P
   High Performance 114dB 32-Bit DAC
AK4495EQ AKM-AK4495EQ Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com