Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4424 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4424
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4424 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4424 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
[AK4424]
MS0935-E-03
2010/09
- 11 -
Analog Output Block
The internal negative power supply generation circuit (Figure 4) provides a negative power supply for the internal 2Vrms
amplifier. It allows the AK4424 to output an audio signal centered at VSS (0V, typ) as shown in Figure 5. The negative
power generation circuit (Figure 4) needs 1.0uF capacitors (Ca, Cb) with low ESR (Equivalent Series Resistance). If this
capacitor is polarized, the positive polarity pin should be connected to the CP and VSS2 pins. This circuit operates by
clocks generated from MCLK. When MCLK stops, the AK4424 is placed in the reset mode automatically and the analog
outputs settle to VSS (0V, typ).
CVDD
Charge
Pump
CP
CN
VSS2
VEE
1uF
1uF
Negative Power
AK4424
(+)
Cb
Ca
(+)
Figure 4. Negative power generation circuit
AOUTR
AK4424
(AOUTL)
0V
2.12Vrms
Figure 5. Audio signal output


Similar Part No. - AK4424

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Asahi Kasei Microsystem...
AK4420ET AKM-AK4420ET Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420ET AKM-AK4420ET Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AK4424

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com