Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4424ET Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4424ET
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4424ET Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4424ET Datasheet HTML 1Page - Asahi Kasei Microsystems AK4424ET Datasheet HTML 2Page - Asahi Kasei Microsystems AK4424ET Datasheet HTML 3Page - Asahi Kasei Microsystems AK4424ET Datasheet HTML 4Page - Asahi Kasei Microsystems AK4424ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK4424ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK4424ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK4424ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK4424ET Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
[AK4424]
MS0935-E-03
2010/09
- 1 -
GENERAL DESCRIPTION
The AK4424 is a 5V 24-bit stereo DAC with an integrated 2Vrms output buffer. A charge pump in the
buffer develops an internal negative power supply rail that enables a ground-referenced 2Vrms output.
Using AKM’s multi bit modulator architecture, the AK4424 delivers a wide dynamic range while preserving
linearity for improved THD+N performance. The AK4424 integrates a combination of switched-capacitor
and continuous-time filters, increasing performance for systems with excessive clock jitter. The 24-bit
word length and 192kHz sampling rate make this part ideal for a wide range of consumer audio
applications, such as DVD, AV receiver system and set-top boxes. The AK4424 is offered in a space
saving 16pin TSSOP package.
FEATURES
Sampling Rate Ranging from 8kHz to 192kHz
128 times Oversampling (Normal Speed Mode)
64 times Oversampling (Double Speed Mode)
32 times Oversampling (Quad Speed Mode)
24-Bit 8 times FIR Digital Filter
Switched-Capacitor Filter with High Tolerance to Clock Jitter
Single Ended 2Vrms Output Buffer
Digital de-emphasis
Soft mute
I/F format: I
2S
Master clock: 512fs, 768fs or 1152fs (Normal Speed Mode)
256fs or 384fs (Double Speed Mode)
128fs, 192fs (Quad Speed Mode)
THD+N: -92dB
Dynamic Range: 105dB
Automatic Power-on Reset Circuit
Power supply: +4.5
∼ +5.5V
Ta = -20 to 85
°C
Small Package: 16pin TSSOP (6.4mm x 5.0mm)
192kHz 24-Bit Stereo
ΔΣ DAC with 2Vrms Output
AK4424
DEM
LRCK
BICK
SDTI
Audio
Data
Interface
ΔΣ
Modulator
AOUTL
8X
Interpolator
SCF
LPF
AOUTR
VDD
VSS1
Control
Interface
Clock
Divider
ΔΣ
Modulator
8X
Interpolator
SCF
LPF
Charge
Pump
CP
CN
VEE
VSS2
CVDD
DZF
SMUTE
De-emphasis
Control
MCLK


Similar Part No. - AK4424ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Asahi Kasei Microsystem...
AK4420ET AKM-AK4420ET Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420ET AKM-AK4420ET Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AK4424ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com