Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4430 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4430
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4430 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4430 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
[AK4430]
OPERATION OVERVIEW
System Clock
The external clocks required to operate the AK4430 are MCLK, LRCK, and BICK. The master clock (MCLK) should be
synchronized with LRCK, but the phase is not critical. The MCLK is used to operate the digital interpolation filter and the
delta-sigma modulator. Sampling speed and MCLK frequency are detected automatically, and then the internal master
clock is set to the appropriate frequency (Table 1).
The AK4430 is automatically placed in power saving mode when MCLK, LRCK and BICK stop during normal operation
mode, and the analog output goes to 0V(typ). When MCLK, LRCK and BICK are input again, the AK4430 is powered
up. After exiting reset following power-up, the AK4430 is not fully operational until MCLK, LRCK and BICK are input.
LRCK
MCLK (MHz)
fs
128fs
192fs
256fs
384fs
512fs
768fs
1152fs
Sampling
Speed
32.0kHz
-
-
-
-
16.3840
24.5760
36.8640
44.1kHz
-
-
-
-
22.5792
33.8688
-
48.0kHz
-
-
-
-
24.5760
36.8640
-
Normal
32.0kHz
8.192
12.288
44.1kHz
11.2896
16.9344
48.0kHz
12.288
18.432
88.2kHz
-
-
22.5792
33.8688
-
-
-
96.0kHz
-
-
24.5760
36.8640
-
-
-
Double
176.4kHz
22.5792
33.8688
-
-
-
-
-
Quad
192.0kHz
24.5760
36.8640
-
-
-
-
-
Table 1. System Clock Example
When MCLK= 256fs/384fs, the Auto Setting Mode supports sampling rate of 32kHz~96kHz (Table 1). However, when
the sampling rate is 32kHz~48kHz, DR and S/N will degrade as compared to when MCLK= 512fs/768fs (Table 2).
MCLK
DR,S/N
256fs/384fs
101dB
512fs/768fs
104dB
Table 2. Relationship between MCLK frequency and DR, S/N (fs= 44.1kHz)
Audio Serial Interface Format
The audio data is shifted in via the SDTI pin using the BICK and LRCK inputs. The AK4430 supports two formats as
shown in Table 3. The serial data is MSB-first, two’s complement format and it is latched on the rising edge of BICK. It
can be used for 16/20 bit I2S formats by zeroing the unused LSBs.
Mode
DIF pin
SDTI Format
BICK
Figure
0
L
24bit MSB justified
≥48fs
Figure 3
1
H
24bit I2S
Figure 4
≥48fs
Table 3. Audio Data Format
MS1196-E-01
2011/03
- 9 -


Similar Part No. - AK4430

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
More results

Similar Description - AK4430

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com