Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYM72V4010GS-50 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYM72V4010GS-50
Description  4M x 72-Bit Dynamic RAM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V4010GS-50 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYM72V4010GS-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYM72V4010GS-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYM72V4010GS-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V4010GS-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V4010GS-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V4010GS-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V4010GS-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V4010GS-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V4010GS-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Semiconductor Group
2
HYM72V4000/10GS-50/-60
4M x 72-ECC Module
The HYM 72V4000/10GS-50/-60 is a 32 MByte DRAM module organized as 4 194 430 words by 72-
bit in a 168-pin, dual read-out, single-in-line package comprising eighteen HYB 3116400BT/BJ
4M
× 4 DRAMs in 300 mil wide TSOPII or SOJ- packages mounted together with ceramic
decoupling capacitors on a PC board. All inputs except
RAS and DQ are buffered by using
BiCMOS buffers/line drivers.
Each HYB 3116400BT/BJ
is described in the data sheet and is fully electrically tested and
processed according to Siemens standard quality procedure prior to module assembly. After
assembly onto the board, a further set of electrical tests is performed.
The density and speed of the module can be detected by the use of presence detect pins.
Ordering Information
Pin Names
Presence-Detect and ID-pin Truth Table:
Note: 1 = High Level ( Driver Output) , 0 = Low Level (Driver Output) for PDE active ( ground) . For PDE at a high
level all PD terminal are in tri-state.
Type
Ordering Code
Package
Descriptions
HYM 72V4000GS-50
L-DIM-168-5
3.3V 50ns DRAM module
HYM 72V4000GS-60
Q67100-Q2077
L-DIM-168-5
3.3V 60ns DRAM module
HYM 72V4010GS-50
L-DIM-168-5
3.3V 50ns DRAM module
HYM 72V4010GS-60
Q67100-Q2078
L-DIM-168-5
3.3V 60ns DRAM module
A0-A11,B0
Address Input
DQ0 - DQ71
Data Input/Output
RAS0, RAS2
Row Address Strobe
CAS0 , CAS2
Column Address Strobe
WE0, WE2
Read / Write Input
OE0, OE2
Output Enable
Vcc
Power (+3.3 Volt)
Vss
Ground
PD1 - PD8
Presence Detect Pins
PDE
Presence Detect Enable
ID0 , ID1
ID indentification bit
N.C.
No Connection
Module
ID0
ID1
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
HYM 72V4000GS-50
Vss
Vss
1
1
0
1
0
0
0
0
HYM 72V4000GS-60
Vss
Vss
1
1
0
1
0
1
1
0


Similar Part No. - HYM72V4010GS-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V4015GS-50 SIEMENS-HYM72V4015GS-50 Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM72V4015GS-60 SIEMENS-HYM72V4015GS-60 Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
More results

Similar Description - HYM72V4010GS-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM364020S SIEMENS-HYM364020S Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com