Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4426 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4426
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4426 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4426 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4426 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4426 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4426 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4426 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4426 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4426 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4426 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4426 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
[AK4426]
ANALOG CHARACTERISTICS
(Ta = 25
°C; VDD=AVDD = +5.0V; fs = 44.1 kHz; BICK = 64fs; Signal Frequency = 1 kHz;
24bit Input Data; Measurement frequency = 20Hz
∼ 20kHz; RL ≥5kΩ)
Parameter
min
typ
max
Units
Resolution
24
Bits
Dynamic Characteristics (Note 4)
fs=44.1kHz, BW=20kHz
-91
-84
dB
fs=96kHz, BW=40kHz
-91
-
dB
THD+N (0dBFS)
fs=192kHz, BW=40kHz
-91
-
dB
Dynamic Range (-60dBFS with A-weighted. (Note 5)
100
106
dB
S/N (A-weighted. (Note 6)
100
106
dB
Interchannel Isolation (1kHz)
90
100
dB
Interchannel Gain Mismatch
0.2
0.5
dB
DC Accuracy
DC Offset
(at output pin)
-5
0
+5
mV
Gain Drift
100
-
ppm/
°C
Output Voltage (Note 7)
2.05
2.2
2.35
Vrms
Load Capacitance (Note 8)
25
pF
Load Resistance
5
k
Ω
Power Supplies
Power Supply Current: (Note 9)
Normal Operation (fs
≤96kHz)
Normal Operation (fs=192kHz)
Power-Down Mode (Note 10)
24
27
10
36
40
100
mA
mA
μA
Note 4. Measured by Audio Precision (System Two). Refer to the evaluation board manual.
Note 5. 98dB for 16bit input data
Note 6. S/N does not depend on input data size.
Note 7. Full-scale voltage (0dB). Output voltage is proportional to the voltage of AVDD,
AOUT (typ.@0dB) = 2.2Vrms × AVDD/5.
Note 8. In case of driving capacitive load, inset a resistor between the output pin and the capacitive load.
Note 9. The current into VDD and AVDD.
Note 10. All digital inputs including clock pins (MCLK, BICK and LRCK) are fixed to VSS1(VSS2) or VDD(AVDD).
MS1176-E-02
2011/03
- 6 -


Similar Part No. - AKD4426

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4426-SA AKM-AKD4426-SA Datasheet
444Kb / 33P
   AK4426 Evaluation Board Rev.2
More results

Similar Description - AKD4426

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com