Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4480EF Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4480EF
Description  High Performance 114dB 32-Bit DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4480EF Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4480EF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4480EF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4480EF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4480EF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4480EF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4480EF Datasheet HTML 9Page - Asahi Kasei Microsystems AK4480EF Datasheet HTML 10Page - Asahi Kasei Microsystems AK4480EF Datasheet HTML 11Page - Asahi Kasei Microsystems AK4480EF Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
[AK4480]
MS1146-E-03
2012/01
- 8 -
SHARP ROLL-OFF FILTER CHARACTERISTICS (fs = 44.1kHz)
(Ta=25
°C; AVDD=VDDL/R=4.75 ∼ 5.25V, DVDD=4.75 ∼ 5.25V; Normal Speed Mode; DEM=OFF; SLOW bit =“0”,
SD bit=“0”)
Parameter
Symbol
min
typ
max
Unit
Digital Filter
Passband
(Note 12)
PB
0
-
20.0
kHz
Frequency Response
±0.05dB
−6.0dB
PB
0
-
22.05
20.0
-
kHz
kHz
Stopband
(Note 12)
SB
24.1
kHz
Passband Ripple
PR
-0.005
+0.0001
dB
Stopband Attenuation
SA
70
dB
Group Delay
(Note 13)
GD
-
27
-
1/fs
Digital Filter + SCF
Frequency Response: 0
∼ 20.0kHz
-0.2
-
+0.2
dB
SHARP ROLL-OFF FILTER CHARACTERISTICS (fs = 96kHz)
(Ta=25
°C; AVDD=VDDL/R=4.75 ∼ 5.25V, DVDD=4.75 ∼ 5.25V; Double Speed Mode; DEM=OFF; SLOW bit =“0”,
SD bit=“0”)
Parameter
Symbol
min
typ
max
Unit
Digital Filter
Passband (Note 12)
PB
0
-
43.5
kHz
Frequency Response
±0.05dB
−6.0dB
0
-
-
48.0
43.5
-
kHz
kHz
Stopband
(Note 12)
SB
52.5
-
kHz
Passband Ripple
PR
-0.005
-
+0.0001
dB
Stopband Attenuation
SA
70
-
-
dB
Group Delay
(Note 13)
GD
-
27
-
1/fs
Digital Filter + SCF
Frequency Response: 0
∼ 40.0kHz
-0.3
-
+0.3
dB
SHARP ROLL-OFF FILTER CHARACTERISTICS (fs = 192kHz)
(Ta=25
°C; AVDD=VDDL/R=4.75 ∼ 5.25V, DVDD=4.75 ∼ 5.25V; Quad Speed Mode; DEM=OFF; SLOW bit =“0”, SD
bit=“0”)
Parameter
Symbol
min
typ
max
Unit
Digital Filter
Passband
(Note 12)
PB
0
-
87.0
kHz
Frequency Response
±0.05dB
−6.0dB
0
-
96.0
87.0
-
kHz
kHz
Stopband
(Note 12)
SB
105
kHz
Passband Ripple
PR
-0.005
-
+0.0001
dB
Stopband Attenuation
SA
70
-
-
dB
Group Delay
(Note 13)
GD
-
27
-
1/fs
Digital Filter + SCF
Frequency Response: 0
∼ 80.0kHz
-1
-
+0.1
dB
Note 12. The passband and stopband frequencies scale with fs. For example, PB=0.4535×fs (@
±0.01dB), SB=0.546×fs.
Note 13. The calculating delay time which occurred by digital filtering. This time is from setting the 16/20/24/32bit data
of both channels to input register to the output of analog signal.


Similar Part No. - AK4480EF

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK448192D ACCUTEK-AK448192D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK448192D ACCUTEK-AK448192D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK448192D ACCUTEK-AK448192D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK448192D ACCUTEK-AK448192D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK448192D ACCUTEK-AK448192D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4480EF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
   High Performance Premium 32-Bit DAC
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
   High Performance 120dB 32-Bit 4ch DAC
AK4392 AKM-AK4392 Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
logo
ESS Technology,Inc
ES9080 ESS-ES9080 Datasheet
2Mb / 146P
   32-bit High-Performance 8-Channel DAC
April 7th, 2022
ES9039MPRO ESS-ES9039MPRO Datasheet
1Mb / 95P
   32-bit High-Performance 8-Channel DAC
Sept, 2022
logo
Asahi Kasei Microsystem...
AK4399 AKM-AK4399 Datasheet
660Kb / 41P
   High Performance 123dB Premium 32-Bit DAC
logo
Cirrus Logic
CS4399 CIRRUS-CS4399 Datasheet
2Mb / 111P
   130-dB, 32-Bit High-Performance DAC
logo
ESS Technology,Inc
ES9027PRO ESS-ES9027PRO Datasheet
1Mb / 89P
   32-bit High-Performance 8-Channel DAC
November 17, 2022
ES9033 ESS-ES9033 Datasheet
1Mb / 103P
   32-bit High-Performance 2-Channel DAC with Line Drivers
April 20, 2022
logo
Cirrus Logic
CS43198 CIRRUS-CS43198 Datasheet
5Mb / 137P
   130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
F1 OCT 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com