Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4522 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4522
Description  20Bit Stereo ?誇 ADC & DAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4522 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4522_12 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4522_12 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4522_12 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4522_12 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4522_12 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4522_12 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4522_12 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4522_12 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4522_12 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ASAHI KASEI
[AK4522]
M0020-E-02
2012/01
- 9 -
OPERATION OVERVIEW
System Clock
The master clock (MCLK) can be external clock input to the MCKI pin. CMODE is used to select either MCLK=256fs,
384fs or 512fs. The relationship between the MCLK and the desired sample rate is defined in Table 1. The LRCK clock
input must be synchronized with MCLK, however the phase is not critical. Internal timing is synchronized to LRCK upon
power-up. All external clocks must be present unless PD = “L”, otherwise excessive current may result from abnormal
operation of internal dynamic logic.
MCLK
SCLK
fs
256fs
CMODE=”L”
384fs
CMODE=”H”
512fs
CMODE=”NC”
64fs
128fs
32.0kHz
8.1920MHz
12.2880MHz
16.384MHz
2.048MHz
4.096MHz
44.1kHz
11.2896MHz
16.9344MHz
22.579MHz
2.822MHz
5.644MHz
48.0kHz
12.2880MHz
18.4320MHz
24.576MHz
3.072MHz
6.144MHz
Table 1. System Clock Example
Audio Serial Interface Format
Data is shifted in/out the SDTI/SDTO pins using SCLK and LRCK inputs. Four serial data modes selected by the DIF0
and DIF1 pins are supported as shown in Table 2. In all modes the serial data has MSB first, 2’s compliment format. The
data is clocked out on the falling edge of SCLK and latched on the rising edge. For mode 3, if SCLK is 32fs, then the least
significant bits will be truncated.
Mode
DIF1
DIF0
SDTO (ADC)
SDTI (DAC)
L/R
SCLK
0
0
0
20bit, MSB justified
16bit, LSB justified
H/L
≥ 32fs
1
0
1
20bit, MSB justified
20bit, LSB justified
H/L
≥ 40fs
2
1
0
20bit, MSB justified
20bit, MSB justified
H/L
≥ 40fs
3
1
1
IIS (I2S)
IIS (I2S)
L/H
≥ 32fs or 40fs
Table 2. Serial Data Modes
LRCK(i)
SCLK(i:64fs)
SDTO(o)
01
2
19
17
18
20
31
0
1
2
19
17
18
20
31
0
19
1
18
0
19
18
3
2
0
19
SDTI(i)
1
14
0
12
11
1
14
0
12
11
SDTO-19:MSB, 0:LSB; SDTI-15:MSB, 0:LSB
Lch Data
Rch Data
Don’t Care
Don’t Care
32
SCLK(i:32fs)
SDTO(o)
0
1
2
9
10
12
13
15
0
1
2
9
10
12
13
15
0
19
1
18
8
19
18
8
11 10
19
SDTI(i)
1
60
43
1
15
0
54
11
10
2
54
76
17
15
14 13
311
14
9
5
7
17
1
13
15
30
17
33
17
14
13
7
6
3
2
15
14
11
4
5
6
7
9
1
15
13
2
2
Figure 1. Mode 0 Timing


Similar Part No. - AK4522_12

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522VF AKM-AK4522VF Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
More results

Similar Description - AK4522_12

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4555 AKM-AK4555 Datasheet
192Kb / 17P
   Low Power & Small Package 20bit ?誇 CODEC
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com