Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4524 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4524
Description  24Bit 96kHz Audio CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4524 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4524_12 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4524_12 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4524_12 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4524_12 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4524_12 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4524_12 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4524_12 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4524_12 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4524_12 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
[AK4524]
M0050-E-04
2012/01
- 11 -
LRCK
BICK
SDTO
SDTI
tMBLR
tBSD
tSDS
tSDH
50%VT
VIH
VIL
50%VT
50%VT
Audio Interface Timing (Master mode)
CS(CIF=H)
CS(CIF=L)
CCLK
CDTI
VIH
VIL
tCSS
tCCKL tCCKH
tCDS
tCDH
C1
C0
R/W
A4
VIH
VIL
VIH
VIL
VIH
VIL
WRITE Command Input Timing
CS(CIF=H)
CS(CIF=L)
CCLK
CDTI
tCSW
tCSH
VIH
VIL
D3
D2
D1
D0
VIH
VIL
VIH
VIL
VIH
VIL
WRITE Data Input Timing
tPD
VIL
PD
Power Down & Reset Timing


Similar Part No. - AK4524_12

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4524VF AKM-AK4524VF Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524VF AKM-AK4524VF Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
More results

Similar Description - AK4524_12

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com