Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4528 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4528
Description  High Performance 24Bit 96kHz Audio CODEC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4528 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4528_12 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4528_12 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4528_12 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4528_12 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4528_12 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4528_12 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4528_12 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4528_12 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4528_12 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
[AK4528]
MS0011-E-02
2012/01
- 11 -
OPERATION OVERVIEW
System Clock Input
The external clocks, which are required to AK4528, are MCLK, BICK and LRCK. MCLK should be synchronized with
LRCK but the phase is not critical. The frequency of MCLK is set by CMODE, CKS0-1 and DFS bits in serial mode, or
by CKS0-1, DFS pins in parallel mode (see Table 2 and 3). The CKS0-1 and DFS pin should be changed during the PDN
pin = “L”. The CMODE, CKS0-1 and DFS bits are changed during RSTADN = RSTDAN = “0”.
External clocks (MCLK, BICK and LRCK) should always be present whenever the AK4528 is in normal operation mode
(PDN = “H” and at least one of ADC and DAC is in normal operation mode). If these clocks are not provided, the
AK4528 may draw excess current because the device utilizes dynamic refreshed logic internally. If the external clocks are
not present, the AK4528 should be in the power-down mode (PDN = “L” or set both ADC and DAC power down mode
by the register).
CMODE bit
CKS1 bit
CKS0 bit
MCLK
Normal Speed
(DFS bit = “0”)
MCLK
Double Speed
(DFS bit = “1”)
0
0
0
256fs
N/A
0
0
1
512fs
256fs
0
1
0
1024fs
512fs
1
0
0
384fs
N/A
1
0
1
768fs
384fs
Default
Table 1. Master Clock Frequency Select in Serial Mode
CKS1 pin
CKS0 pin
MCLK
Normal Speed
(DFS pin = “L”)
MCLK
Double Speed
(DFS pin = “H”)
L
L
256fs
N/A
L
H
512fs
256fs
H
L
384fs
N/A
H
H
1024fs
512fs
Table 2. Master Clock Frequency Select in Parallel Mode
MCLK
Normal Speed
(DFS = “0”)
fs=44.1kHz
fs=48kHz
MCLK
Double Speed
(DFS = “1”)
fs=88.2kHz
fs=96kHz
256fs
11.2896MHz
12.288MHz
N/A
N/A
N/A
512fs
22.5792MHz
24.576MHz
256fs
22.5792MHz
24.576MHz
1024fs
45.1584MHz
49.152MHz
512fs
45.1584MHz
49.152MHz
384fs
16.9344MHz
18.432MHz
N/A
N/A
N/A
768fs
33.8688MHz
36.864MHz
384fs
33.8688MHz
36.864MHz
Table 3. Master Clock Frequencies example
Note. Do not set any mode which is not described in Table1-3.


Similar Part No. - AK4528_12

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4528VF AKM-AK4528VF Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4528VF AKM-AK4528VF Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
More results

Similar Description - AK4528_12

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com