Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4528VM Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4528VM
Description  High Performance 24Bit 96kHz Audio CODEC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4528VM Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4528VM Datasheet HTML 1Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 2Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 3Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 4Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 5Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 6Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 7Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 8Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
[AK4528]
MS0011-E-02
2012/01
- 4 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
VCOM
O
Common Voltage Output Pin, VA/2
Bias voltage of ADC inputs and DAC outputs.
2
AINR+
I
Rch Positive Input Pin
3
AINR
I
Rch Negative Input Pin
4
AINL+
I
Lch Positive Input Pin
5
AINL
I
Lch Negative Input Pin
6
VREF
I
Voltage Reference Input Pin, VA
Used as a voltage reference by ADC & DAC. VREF is connected externally to
filtered VA.
7
AGND
-
Analog Ground Pin
8
VA
-
Analog Power Supply Pin, 4.75
∼ 5.25V
9
P/S
I
Parallel/Serial Mode Select Pin
“L”: Serial Mode,
“H”: Parallel Mode
10
MCLK
I
Master Clock Input Pin
11
LRCK
I
Input/Output Channel Clock Pin
12
BICK
I
Audio Serial Data Clock Pin
13
SDTO
O
Audio Serial Data Output Pin
14
SDTI
I
Audio Serial Data Input Pin
CDTI
I
Control Data Input Pin in Serial Mode
15
CKS0
I
Master Clock Select Pin
CCLK
I
Control Data Clock Pin in Serial Mode
16
CKS1
I
Master Clock Select Pin
CSN
I
Chip Select Pin in Serial Mode
17
DIF
I
Digital Audio Interface Select Pin
“L”: 24bit MSB justified,
“H”: I
2S compatible
18
DFS
I
Double Speed Sampling Mode Pin
19
PDN
I
Power-Down Mode Pin
“H”: Power up,
“L”: Power down reset and initialize the control register.
20
DEM0
I
De-emphasis Control Pin
21
DEM1
I
De-emphasis Control Pin
22
VT
-
Output Buffer Power Supply Pin, 2.7
∼ 5.25V
23
VD
-
Digital Power Supply Pin, 4.75
∼ 5.25V
24
DGND
-
Digital Ground Pin
25
AOUTL
O
Lch Negative Analog Output Pin
26
AOUTL+
O
Lch Positive Analog Output Pin
27
AOUTR
O
Rch Negative Analog Output Pin
28
AOUTR+
O
Rch Positive Analog Output Pin
Note: All input pins should not be left floating.


Similar Part No. - AK4528VM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4528VF AKM-AK4528VF Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4528VF AKM-AK4528VF Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
More results

Similar Description - AK4528VM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com