Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4629 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4629
Description  High Performance Multi-channel Audio CODEC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4629 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4629 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4629 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4629 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4629 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4629 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4629 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4629 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4629 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4629 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
[AK4629]
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
CAD0
I
Chip Address 0 Pin
2
CAD1
I
Chip Address 1 Pin
PS
I
Parallel/Serial Select Pin
3
“L”: Serial control mode, “H”: Parallel control mode
4
SDTO1
O
ADC1 Audio Serial Data Output Pin
5
SDTO2
O
ADC2 Audio Serial Data Output Pin
TVDD
-
6
Output Buffer Power Supply Pin, 2.7V
∼5.5V
DVDD
-
7
Digital Power Supply Pin, 4.5V
∼5.5V
8
VSS1
-
Digital Ground Pin, 0V
TDM0
I
TDM I/F Format Mode Pin in parallel control mode
“L”: Normal mode, “H”: TDM mode
9
SDA/CDTI
I/O
Control Data Input Pin in serial control mode
I2C pin= “L”: CDTI (3-wire Serial), I2C pin= “H”: SDA (I2C Bus)
DIF1
I
Audio Data Interface Format 1 Pin in parallel control mode
10
SCL/CCLK
I
Control Data Clock Pin in serial control mode
I2C pin= “L”: CCLK (3-wire Serial), I2C pin= “H”: SCL (I2C Bus)
DIF0
I
Audio Data Interface Format 0 Pin in parallel control mode
11
CSN
I
Chip Select Pin in 3-wire serial control mode
This pin should be connected to DVDD at I2C bus control mode
PDN
I
Power-Down & Reset Pin
When “L”, the AK4629 is powered-down and the control registers are reset to default
state. If the state of the PS pin or CAD1-0 changes, then the AK4629 must be reset by the
PDN pin.
12
13
MCLK
I
Master Clock Input Pin
14
BICK
I
Audio Serial Data Clock Pin
15
LRCK
I
Input Channel Clock Pin
16
SDTI1
I
DAC1 Audio Serial Data Input Pin
17
SDTI2
I
DAC2 Audio Serial Data Input Pin
18
SDTI3
I
DAC3 Audio Serial Data Input Pin
19
SDTI4
I
DAC4 Audio Serial Data Input Pin
DFS0
I
Double Speed Sampling Mode Pin (Note 1)
20
“L”: Normal Speed, “H”: Double Speed
I2C
I
Control Mode Select Pin (PS pin = “L”)
“L”: 3-wire Serial, “H”: I2C Bus
21
TST6
I
Test Pin (PS pin = “H”)
This pin should be connected to VSS1
TST2
Test Pin
22
This pin should be connected to VSS1.
23
LOUT4
O
DAC4 Lch Analog Output Pin
24
ROUT4
O
DAC4 Rch Analog Output Pin
25
LOUT3
O
DAC3 Lch Analog Output Pin
26
ROUT3
O
DAC3 Rch Analog Output Pin
27
LOUT2
O
DAC2 Lch Analog Output Pin
28
ROUT2
O
DAC2 Rch Analog Output Pin
29
LOUT1
O
DAC1 Lch Analog Output Pin
30
ROUT1
O
DAC1 Rch Analog Output Pin
MS1277-E-02
2012/03
- 4 -


Similar Part No. - AK4629

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4620A AKM-AK4620A Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620AVF AKM-AK4620AVF Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620B AKM-AK4620B Datasheet
397Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
AK4620B AKM-AK4620B Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
logo
List of Unclassifed Man...
AK4620B ETC2-AK4620B Datasheet
400Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
More results

Similar Description - AK4629

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
AK4527B AKM-AK4527B Datasheet
292Kb / 33P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4626 AKM-AK4626 Datasheet
570Kb / 40P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4627 AKM-AK4627 Datasheet
668Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4628 AKM-AK4628 Datasheet
546Kb / 41P
   HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
AK4529 AKM-AK4529 Datasheet
382Kb / 38P
   High Performance Multi-channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
   Multi-Channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com