Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYM72V4015GS-50 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYM72V4015GS-50
Description  4M x 72-Bit EDO-DRAM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V4015GS-50 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYM72V4015GS-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYM72V4015GS-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V4015GS-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V4015GS-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V4015GS-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V4015GS-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V4015GS-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V4015GS-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYM72V4015GS-50 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Semiconductor Group
6
HYM72V4005/15GS-50/-60
4M x 72-ECC EDO-Module
Capacitance
T
A = 0 to 70 °C; VCC = 3.3 V ± 0.3V; f = 1 MHz
Average
V
CC supply current during RAS
only refresh cycles:
-50 version
-60 version
(RAS cycling, CAS =
V
IH ,
t
RC = tRC min.)
I
CC3
1800
1620
mA
mA
2)4)
Average
V
CC supply current during hyper
page mode (EDO):
-50 version
-60 version
(RAS =
V
IL, CAS, address cycling
t
PC = tPC min.)
I
CC4
1260
990
mA
mA
2)3)4)
Standby
V
CC supply current
(RAS = CAS =
V
CC – 0.2 V,
one address change within 15,6
µs trc)
I
CC5
–30
mA
Average
V
CC supply current during
CAS-before-RAS refresh mode:
-50 version
-60 version
(RAS, CAS cycling
, t
RC = tRC min.)
I
CC6
1800
1620
mA
mA
2)4)
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A11,B0)
C
I1
–10
pF
Input capacitance (RAS0, RAS2)
C
I2
–50
pF
Input capacitance (CAS0, CAS4)
C
I3
–15
pF
Input capacitance (WE0,WE2,OE0,OE2)
C
I4
–15
pF
I/O capacitance (DQ0-DQ71)
C
IO1
–15
pF
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
max.


Similar Part No. - HYM72V4015GS-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V4010GS-50 SIEMENS-HYM72V4010GS-50 Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM72V4010GS-60 SIEMENS-HYM72V4010GS-60 Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
More results

Similar Description - HYM72V4015GS-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM324025S SIEMENS-HYM324025S Datasheet
52Kb / 10P
   4M x 32-Bit EDO-DRAM Module
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
HYM72V1625GS-50- SIEMENS-HYM72V1625GS-50- Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com