Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4636 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4636
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4636 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4636 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
[AK4636]
MS1012-E-01
2010/08
- 9 -
ANALOG CHRACTERISTICS
(Ta=25
°C; AVDD=DVDD=SVDD = 3.3V, VVDD = 3.3V, VSS1=VSS2=VSS3 = 0V; fs = 8kHz; LP bit = “1”
BICK = 64fs; Signal Frequency = 1kHz; 16bit Data; Measurement frequency = 20Hz
∼ 3.4kHz; EXT Slave Mode; unless
otherwise specified)
Parameter
min
typ
max
Units
MIC Amplifier: MIC, LIN pins ; MDIF bit = “0”; (Single-ended input)
Input Resistance
20
30
40
k
Ω
Gain
(MGAIN3-0 bits = “0000”)
-
0
-
dB
(MGAIN3-0 bits = “0001”)
19
20
21
dB
(MGAIN3-0 bits = “0010”)
25
26
27
dB
(MGAIN3-0 bits = “0011”)
31
32
33
dB
(MGAIN3-0 bits = “0100”)
9
10
11
dB
(MGAIN3-0 bits = “0101”)
16
17
18
dB
(MGAIN3-0 bits = “0110”)
22
23
24
dB
(MGAIN3-0 bits = “0111”)
28
29
30
dB
(MGAIN3-0 bits = “1000”)
2
3
4
dB
(MGAIN3-0 bits = “1001”)
5
6
7
dB
MIC Amplifier: MICP, MICN pins ; MDIF bit = “1”; (Full-differential input)
Input Voltage
(MGAIN3-0 bits = “0001”)
0.128
0.150
0.173
Vpp
(Note 7)
(MGAIN3-0 bits = “0010”)
0.064
0.075
0.086
Vpp
(MGAIN3-0 bits = “0011”)
0.032
0.038
0.044
Vpp
(MGAIN3-0 bits = “0100”)
0.403
0.474
0.545
Vpp
(MGAIN3-0 bits = “0101”)
0.180
0.212
0.244
Vpp
(MGAIN3-0 bits = “0110”)
0.090
0.106
0.122
Vpp
(MGAIN3-0 bits = “0111”)
0.045
0.053
0.061
Vpp
(MGAIN3-0 bits = “1001”)
0.639
0.752
0.864
Vpp
MIC Power Supply: MPI pin
Output Voltage
2.1
2.3
2.5
V
Load Resistance
2
-
-
k
Ω
Load Capacitance
-
-
30
pF
ADC Analog Input Characteristics: MIC/LIN
ADC, MIC Gain = +20dB, IVOL = 0dB, ALC1bit = “0”
Resolution
-
-
16
Bits
Input Voltage
(MIC Gain=20dB)
0.128
0.150
0.173
Vpp
S/(N+D)
(
−1dBFS) (Note 8)
73
83
-
dB
D-Range
(
−60dBFS)
74
85
-
dB
S/N
74
85
-
dB
ADC Analog Input Characteristics: MIC/LIN
ADC, MIC Gain = 0dB, IVOL = 0dB, ALC1bit = “0”
Resolution
-
-
16
Bits
Input Voltage
(MIC Gain=0dB)
1.28
1.50
1.73
Vpp
S/(N+D)
(
−1dBFS) (Note 8)
73
83
-
dB
D-Range
(
−60dBFS)
78
89
-
dB
S/N
78
89
-
dB
DAC Characteristics:
Resolution
16
Bits
Mono Line Output Characteristics: AOUT pin, DAC
→ AOUT, RL = 10kΩ, LOVL bit = “0”
Output Voltage
LOVL bit = “0”
1.28
1.50
1.73
Vpp
LOVL bit = “1”(Note 9)
-
2.12
-
Vpp
S/(N+D)
(0dBFS) (Note 8)
74
84
-
dB
D-Range
(
−60dBFS)
80
90
-
dB
S/N
80
90
-
dB
Load Resistance
10
-
-
k
Ω
Load Capacitance
-
-
30
pF


Similar Part No. - AK4636

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631VN AKM-AK4631VN Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632VN AKM-AK4632VN Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
More results

Similar Description - AK4636

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com