Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4636ECB Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4636ECB
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4636ECB Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4636ECB Datasheet HTML 1Page - Asahi Kasei Microsystems AK4636ECB Datasheet HTML 2Page - Asahi Kasei Microsystems AK4636ECB Datasheet HTML 3Page - Asahi Kasei Microsystems AK4636ECB Datasheet HTML 4Page - Asahi Kasei Microsystems AK4636ECB Datasheet HTML 5Page - Asahi Kasei Microsystems AK4636ECB Datasheet HTML 6Page - Asahi Kasei Microsystems AK4636ECB Datasheet HTML 7Page - Asahi Kasei Microsystems AK4636ECB Datasheet HTML 8Page - Asahi Kasei Microsystems AK4636ECB Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 105 page
background image
[AK4636]
MS1012-E-01
2010/08
- 5 -
PIN/FUNCTION
AK4636ECB
No. Pin Name
I/O
Function
D2
VCOM
O
Common Voltage Output Pin = 1.15V(typ)
Bias voltage of ADC inputs and DAC outputs.
E1
VCOC
O
Output Pin for Loop Filter of PLL Circuit
This pin must be connected to VSS1 with one resistor and capacitor in series.
D1
AVDD
-
Analog Power Supply Pin
C1
VSS1
-
Ground Pin
C2
VVDD
-
Video Amp Power Supply Pin
B2
VOUT
O
Composite Video Signal Driver Pin
A1
VIN
I
Composite Video Signal Input Pin
C3
I2C
I
Control Mode Select Pin
“H”: I2C Bus, “L”: 3-wire Serial
CSN
I
Chip Select Pin
(I2C pin = “L”)
A2
SDA
I/O
Control Data Input/Output Pin
(I2C pin = “H”)
B3
CDTIO
I/O
Control Data Input/Output Pin
(I2C pin = “L”)
This pin must be connected to the ground. (I2C pin = “H”)
CCLK
I
Control Data Clock Pin
(I2C pin = “L”)
A3
SCL
I
Control Data Clock Pin
(I2C pin = “H”)
C4
FCK
I/O
Frame Clock Pin
B4
MCKI
I
External Master Clock Input Pin
A4
BICK
I/O
Audio Serial Data Clock Pin
C5
SDTI
I
Audio Serial Data Input Pin
A5
SDTO
O
Audio Serial Data Output Pin
A6
PDN
I
Power-down & Reset
When “L”, the AK4636 is in power-down mode and is held in reset.
The AK4636 must be always reset upon power-up.
B5
MCKO
O
Master Clock Output Pin
B6
DVDD
-
Digital Power Supply Pin
C6
VSS2
-
Ground Pin.
D6
SPP
O
Speaker Amp Positive Output Pin
E6
SVDD
-
Speaker Amp Power Supply Pin
E5
SPN
O
Speaker Amp Negative Output Pin
E4
BEEP
I
Beep Signal Input Pin
D5
VSS3
-
Ground Pin
D4
AOUT
O
Mono Line Output Pin
LIN
I
Line Input Pin for Single Ended Input
(MDIF bit = “0”, DMIC bit = “0”)
MICN
I
Microphone Negative Input Pin for Differential Input
(MDIF bit = “1”, DMIC bit = “0”)
E3
DMCLK
I
Digital Microphon Clock pin
(DMIC bit = “1”)
MIC
I
Microphone Input Pin for Single Ended Input (MDIF bit = “0”,DMIC bit = “0”)
MICP
I
Microphone Positive Input Pin for Differential Input
(MDIF bit = “1” DMIC bit = “0”)
D3
DMDAT
O
Digital Microphone Data Input pin
(DMIC bit = “1”)
MPI
O
MIC Power Supply Pin for Microphone
(DMPE bit = “0”)
E2
DMP
O
MIC Power Supply pin for Digital Microphone (DMPE bit = “1”)


Similar Part No. - AK4636ECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631VN AKM-AK4631VN Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632VN AKM-AK4632VN Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
More results

Similar Description - AK4636ECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com