Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4683 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4683
Description  Asynchronous Multi-Channel Audio CODEC with DIR/T
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4683 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4683 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
[AK4683]
MS0427-E-03
2010/09
- 6 -
No.
Pin Name
I/O
Function
38
LOUT2
O
DAC2 Lch Positive Analog Output Pin
39
ROUT2
O
DAC2 Rch Positive Analog Output Pin
40
LOUT1
O
DAC1 Lch Positive Analog Output Pin
41
ROUT1
O
DAC1 Rch Positive Analog Output Pin
42
VCOM
-
DAC/ADC Common Voltage Output Pin
2.2
μF capacitor should be connected to AVSS2 externally.
43
AVDD2
-
DAC Power Supply Pin, 4.5V
∼5.5V
44
AVSS2
-
DAC Ground Pin, 0V
45
LISEL
O
Lch Feedback Resistor Output Pin
46
LOPIN
O
Lch Feedback Resistor Input Pin. 0.5 x AVDD1.
47
ROPIN
O
Rch Feedback Resistor Input Pin. 0.5 x AVDD1.
48
RISEL
O
Rch Feedback Resistor Output Pin
49
AVSS1
-
ADC Ground Pin, 0V
50
AVDD1
-
ADC Power Supply Pin, 4.5V
∼5.5V
51
LIN1
I
Lch Input 1 Pin
52
RIN1
I
Rch Input 1 Pin
53
LIN2
I
Lch Input 2 Pin
54
RIN2
I
Rch Input 2 Pin
55
LIN3
I
Lch Input 3 Pin
56
RIN3
I
Rch Input 3 Pin
57
LIN4
I
Lch Input 4 Pin
58
RIN4
I
Rch Input 4 Pin
59
LIN5
I
Lch Input 5 Pin
60
RIN5
I
Rch Input 5 Pin
61
LIN6
I
Lch Input 6 Pin
62
RIN6
I
Rch Input 6 Pin
63
PVSS
-
PLL Ground pin
64
R
-
External Resistor Pin
12k
Ω +/-1% resistor should be connected to PVSS externally.
Note: All input pins except internal biased pin (RX0) and analog input pins (LIN1-6, RIN1-6) should not be left
floating.
Handling of Unused Pin
The unused I/O pins should be processed appropriately as below.
Classification
Pin Name
Setting
Analog
RX0, LOUT1-2, ROUT1-2, LIN1-6, RIN1-6
These pins should be open.
INT, XTO, MCKO, VOUT/DZF/OVF, SDTOA-B,
CDTO, TX
These pins should be open.
Digital
RX1-3, CSN, CCLK, CDTI, XTI, MCLK2,
OLRCKA, ILRCKA, BICKA, SDTIA1-3,
LRCKB, BICKB, SDTIB
These pins should be connected to DVSS.


Similar Part No. - AK4683

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
AK4683EQ AKM-AK4683EQ Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683EQ AKM-AK4683EQ Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683_07 Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4683

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4683 AKM-AK4683_07 Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
AK4589 AKM-AK4589_1 Datasheet
815Kb / 76P
   2/8-Channel Audio CODEC with DIR
AK4589 AKM-AK4589 Datasheet
797Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4588 AKM-AK4588 Datasheet
787Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com