Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4683EQ Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4683EQ
Description  Asynchronous Multi-Channel Audio CODEC with DIR/T
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4683EQ Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4683EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4683EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4683EQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4683EQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4683EQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK4683EQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK4683EQ Datasheet HTML 13Page - Asahi Kasei Microsystems AK4683EQ Datasheet HTML 14Page - Asahi Kasei Microsystems AK4683EQ Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
[AK4683]
MS0427-E-03
2010/09
- 11 -
DC CHARACTERISTICS
(Ta=25
°C; AVDD1, AVDD2, DVDD, PVDD, HVDD=4.5∼5.5V; TVDD=2.7∼5.5V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
(Except XTI pin)
(XTI pin)
Low-Level Input Voltage
(Except XTI pin)
(XTI pin)
VIH
VIH
VIL
VIL
2.2
70%DVDD
-
-
-
-
-
-
-
-
0.8
30%DVDD
V
V
V
V
Input Voltage at AC Coupling (XTI pin)
(Note 17)
VAC
40%DVDD
-
-
Vpp
High-Level Output Voltage
(Except TX pins: Iout=-400
μA)
(TX pin: Iout=-400
μA)
Low-Level Output Voltage
(Iout=400
μA)
VOH
VOH
VOL
TVDD-0.4
DVDD-0.4
-
-
-
-
-
0.4
V
V
V
Input Leakage Current (Except RX0 pin)
Iin
-
-
±10
μA
Note 17. In case of connecting capacitance to XTI pin.
S/PDIF RECEIVER CHARACTERISTICS (RX0)
(Ta=25
°C; AVDD1, AVDD2, DVDD, PVDD, HVDD=4.5∼5.5V; TVDD=2.7∼5.5V)
Parameter
Symbol
min
typ
max
Units
Input Resistance
Zin
10
k
Ω
Input Voltage (internally biased at PVDD/2)
VTH
200
mVpp
Input Hysteresis
VHY
-
50
mV
Input Sample Frequency
fs
32
-
192
kHz
VCOM
PVDD
PVSS
RX0 pin
20k(typ)
20k(typ)
Internal biased pin Circuit
S/PDIF RECEIVER CHARACTERISTICS (RX1-3)
(Ta=25
°C; AVDD1, AVDD2, DVDD, PVDD, HVDD=4.5~5.5V;TVDD=2.7~5.5V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.2
-
-
-
0.8
V
V
Input Sample Frequency
fs
32
-
192
kHz
Input Leakage Current
Iin
-
-
±10
μA


Similar Part No. - AK4683EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4683EQ AKM-AK4683EQ Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683EQ AKM-AK4683EQ Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4683EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4683 AKM-AK4683_07 Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
AK4589 AKM-AK4589_1 Datasheet
815Kb / 76P
   2/8-Channel Audio CODEC with DIR
AK4589 AKM-AK4589 Datasheet
797Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4588 AKM-AK4588 Datasheet
787Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com