Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4685EQ Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4685EQ
Description  Multi-channel CODEC with Differential Analog I/O
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4685EQ Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4685EQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK4685EQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK4685EQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4685EQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4685EQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4685EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4685EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4685EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4685EQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
[AK4685]
MS1106-E-00
2009/08
- 3 -
Ordering Guide
AK4685EQ
-20
∼ +85°C
64pin LQFP (0.5mm pitch)
AKD4685
Evaluation Board for the AK4685
Pin Layout
RVCOM1
49
RIN1+
50
RAMPO1
51
LAMPO1
52
LIN1-
53
LIN1+
54
LVCOM1
55
LRCKB
56
57
58
59
SDTOB1
60
SDTOB2
61
BICKB
62
VSS7
63
64
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
VSS4
32
PVDD
31
CN
30
29
28
27
26
ROUT-
25
ROUT+
24
VSS3
23
AVDD2
22
SGL
21
LRCKA
20
MCLKA
19
BICKA
18
SDTIA
17
AK4685EQ
Top View
LOUT+
LOUT-
NC
CP
TVDD
MCKO
DVDD1
RIN1-


Similar Part No. - AK4685EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4682EQ AKM-AK4682EQ Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
AK4683 AKM-AK4683 Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4685EQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
   PCI Express-compliant Multi-function Analog I/O
logo
Asahi Kasei Microsystem...
AK4688EN AKM-AK4688EN Datasheet
629Kb / 36P
   Asynchronous Stereo CODEC with Capless Line I/O
logo
Analog Devices
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
   Analog I/O Port
REV. A
logo
Asahi Kasei Microsystem...
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
logo
Advantech Co., Ltd.
ADAM-6717 ADVANTECH-ADAM-6717 Datasheet
226Kb / 1P
   Intelligent I/O Gateway with Analog Input
26-Nov-2020
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Analog Devices
AD7769 AD-AD7769 Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com