Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4687 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4687
Description  Asynchronous Stereo CODEC with Capless Stereo Selector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4687 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4687 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
[AK4687]
MS1307-E-00
2011/05
- 3 -
Ordering Guide
AK4687EQ
-20
∼ +85°C
48pin LQFP (0.5mm pitch)
AKD4687
Evaluation Board for the AK4687
Pin Layout
37
LIN1
38
LIN3
39
NC
40
RIN2
41
LIN2
42
43
NC
44
RIN1
45
NC
46
I2C
47
23
22
21
20
19
18
17
16
15
14
13
DVDD
NC
NC
Top View
SDA/AIN1
48
24
SCL/AIN0
RIN3
AK4687EQ
CP
VSS3
NC
CN
ROUT
CVEE
LOUT
TEST2
TEST1


Similar Part No. - AK4687

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4682EQ AKM-AK4682EQ Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
AK4683 AKM-AK4683 Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4687

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4686 AKM-AK4686 Datasheet
498Kb / 39P
   Multi-channel CODEC with Capless Stereo Selector
AK4688EN AKM-AK4688EN Datasheet
629Kb / 36P
   Asynchronous Stereo CODEC with Capless Line I/O
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
logo
Texas Instruments
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
STMicroelectronics
STW5095 STMICROELECTRONICS-STW5095 Datasheet
667Kb / 69P
   Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
STW5095 STMICROELECTRONICS-STW5095_07 Datasheet
844Kb / 73P
   Low-power asynchronous stereo audio Codec with integrated power amplifiers
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
STMicroelectronics
STW5098 STMICROELECTRONICS-STW5098_07 Datasheet
943Kb / 86P
   Dual low power asynchronous stereo audio Codec with integrated power amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com