Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4687 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4687
Description  Asynchronous Stereo CODEC with Capless Stereo Selector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4687 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4687 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
[AK4687]
MS1307-E-00
2011/05
- 6 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD1=AVDD2 = DVDD= 3.3V; VSS1=VSS2=VSS3 =VSS4 =VSS5 =0V; fs=48kHz; BICK=64fs;
Signal Frequency=1kHz; 24bit Data; Measurement Frequency = 20Hz
∼ 20kHz at fs=48kHz, 20Hz~40kHz at fs=96kHz;
20Hz~40kHz at fs=192kHz, all blocks are synchronized, unless otherwise specified)
Parameter
min
typ
max
Units
Pre-Amp Characteristics:
Feedback Resistance Rf
12
39
92
k
Ω
Input Resistance
Ri
18
47
92
k
Ω
Output Level
LO / RO pins
(ADC=0dBFs)
(Note 3)
1.82
1.91
2.00
Vrms
Load Resistance
RL
(Note 4)
18
k
Ω
Load Capacitance
CL
(Note 4)
20
pF
Analog Input (LIN1-3, RIN1-3pin) to ADC Analog Input Characteristics
Resolution
24
Bits
S/(N+D)
(-1dBFS)
fs=48kHz
-
83
dB
DR
(-60dBFS)
fs=48kHz, A-weighted
-
99
dB
S/N
(input off)
fs=48kHz, A-weighted
-
99
dB
Interchannel Isolation
(Note 5)
-
100
dB
Interchannel Gain Mismatch
0
-
dB
Gain Drift
50
-
ppm/
°C
Power Supply Rejection
(Note 6)
50
dB
DAC to Analog Output (LOUT, ROUT pin) Characteristics
Resolution
24
Bits
S/(N+D)
(0dBFS)
fs=48kHz
fs=96kHz
fs=192kHz
-
-
-
95
93
93
dB
dB
dB
DR
(-60dBFS)
fs=48kHz, A-weighted
fs=96kHz, A-weighted
fs=192kHz, A-weighted
-
-
-
105
105
105
dB
dB
dB
S/N
(“0” data)
fs=48kHz, A-weighted
fs=96kHz, A-weighted
fs=192kHz, A-weighted
-
-
-
105
105
105
dB
dB
dB
Interchannel Isolation
-
100
dB
Interchannel Gain Mismatch
0
-
dB
DC Offset (at output pin)
–5
0
+5
mV
Gain Drift
50
-
ppm/
°C
Output Voltage
LOUT/ROUT= 2 x AVDD2/3.3
1.85
2
2.15
Vrms
Load Resistance
5
k
Ω
Load Capacitance
(C1)
30
pF
Power Supply Rejection
(Note 6)
62
dB
Note 3. Input range for ADC full scale when the external input resistance is 47k
Ω, feedback resistance is 39kΩ and input
signal is 2.3Vrms.
Note 4. RL or CL of Figure 2. Load resistance and capacitance when the output signal of the LO/RO pin is used for an
external device.
Note 5. This value is the channel isolation for all other channels between LIN1-3 and RIN1-3.
Note 6. PSR is applied to AVDD1, AVDD2 and DVDD with 1kHz, 50mVpp.


Similar Part No. - AK4687

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4682EQ AKM-AK4682EQ Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
AK4683 AKM-AK4683 Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4687

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4686 AKM-AK4686 Datasheet
498Kb / 39P
   Multi-channel CODEC with Capless Stereo Selector
AK4688EN AKM-AK4688EN Datasheet
629Kb / 36P
   Asynchronous Stereo CODEC with Capless Line I/O
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
logo
Texas Instruments
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
STMicroelectronics
STW5095 STMICROELECTRONICS-STW5095 Datasheet
667Kb / 69P
   Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
STW5095 STMICROELECTRONICS-STW5095_07 Datasheet
844Kb / 73P
   Low-power asynchronous stereo audio Codec with integrated power amplifiers
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
STMicroelectronics
STW5098 STMICROELECTRONICS-STW5098_07 Datasheet
943Kb / 86P
   Dual low power asynchronous stereo audio Codec with integrated power amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com