Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4709 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4709
Description  Low Power AV SCART Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4709 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4709 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4709 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4709 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4709 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4709 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4709 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4709 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4709 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4709 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
[AK4709]
MS1319-
E-00
2011/07
- 6 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
VCRC
O
Chrominance Output Pin for VCR
2
VSS3
-
Video Ground Pin , 0V
3
TVVOUT
O
Composite/Luminance Output Pin for TV
4
VVD2
-
Video Power Supply Pin #2: 3.13V ~ 3.47V
Normally connected to VSS3 with a 0.1
μF ceramic capacitor in parallel with a 4.7μF
electrolytic capacitor.
5
TVRC
O
Red/Chrominance Output Pin for TV
6
TVG
O
Green Output Pin for TV
7
TVB
O
Blue Output Pin for TV
8
VVD1
-
Video Power Supply Pin #1: 3.13V ~ 3.47V
Normally connected to VSS3 with a 0.1
μF ceramic capacitor in parallel with a 4.7μF
electrolytic capacitor.
9
ENCB
I
Blue Input Pin for Encoder
10
ENCG
I
Green Input Pin for Encoder
11
ENCRC
I
Red/Chrominance Input Pin #1 for Encoder
12
ENCC
I
Chrominance Input Pin #2 for Encoder
13
ENCV
I
Composite/Luminance Input Pin #1 for Encoder
14
ENCY
I
Composite/Luminance Input Pin #2 for Encoder
15
TVVIN
I
Composite/Luminance Input Pin for TV
16
VCRVIN
I
Composite/Luminance Input Pin for VCR
17
VCRFB
I
Fast Blanking Input Pin for VCR
18
VCRRC
I
Red/Chrominance Input Pin for VCR
19
VCRG
I
Green Input Pin for VCR
20
VCRB
I
Blue Input Pin for VCR
21
VP
-
Blanking Power Supply Pin, 10.8V ~ 13.2V
The VP pin must be connected to the Analogue 12V power supply via a 10ohm resistor
and with a 0.1µF ceramic capacitor in parallel with a 1µF electrolytic capacitor to
VSS1, as shown in Figure 20.
22
VCRSB
I/O
Slow Blanking Input/Output Pin for VCR, refer to Table 20.
A 470ohm ±5% resistor must be connected between the VCRSB pin and SCART
connector.
23
TVSB
O
Slow Blanking Output Pin for TV
A 470ohm ±5% resistor must be connected between the TVSB pin and SCART
connector.
24
VSS1
-
Audio Ground Pin , 0V
25
VD1
-
Audio Power Supply Pin: 3.13V ~ 3.47V
Normally connected to VSS1 with a 0.1
μF ceramic capacitor in parallel with a 4.7μF
electrolytic capacitor.
26
VCRINR
I
Rch VCR Audio Input Pin
27
VCRINL
I
Lch VCR Audio Input Pin
28
TVINR
I
Rch TV Audio Input Pin
29
TVINL
I
Lch TV Audio Input Pin
30
VCROUTR
O
Rch Analog Output Pin #1
31
VCROUTL
O
Lch Analog Output Pin #1
32
TVOUTR
O
Rch Analog Output Pin #2
33
TVOUTL
O
Lch Analog Output Pin #2


Similar Part No. - AK4709

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AK4703VQ AKM-AK4703VQ Datasheet
342Kb / 38P
   AV SCART switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
More results

Similar Description - AK4709

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AKD4705-A AKM-AKD4705-A Datasheet
434Kb / 42P
   2ch DAC with AV SCART switch
AKD4706-A AKM-AKD4706-A Datasheet
549Kb / 34P
   2ch DAC with AV SCART switch
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
AK4708 AKM-AK4708 Datasheet
521Kb / 46P
   AV SCART Switch with Two RGB Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com