Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYM72V8010GS-60 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # HYM72V8010GS-60
Description  8M x 72-Bit Dynamic RAM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V8010GS-60 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button HYM72V8010GS-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V8010GS-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V8010GS-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V8010GS-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V8010GS-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V8010GS-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V8010GS-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYM72V8010GS-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYM72V8010GS-60 Datasheet HTML 11Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Semiconductor Group
11
HYM72V8000/10GS-50/-60
8M x 72-ECC Module
L-DIM-168-4
Module package
(dual read-out, single in-line memory module)
133,35
1
84
Detail of Contacts
1.27
+/- 0.05
10 11
40
41
85
95 96
*)
preliminary drawing
168
127,35
1.0
124
125
DM168-4.WMF
*) 4.00 max for modules assembled with TSOPII-packages
9.00 max for modules assembled with SOJ-packages


Similar Part No. - HYM72V8010GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V8005GU-50 SIEMENS-HYM72V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM72V8005GU-60 SIEMENS-HYM72V8005GU-60 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM72V8020GS-50 SIEMENS-HYM72V8020GS-50 Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8020GS-60 SIEMENS-HYM72V8020GS-60 Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
More results

Similar Description - HYM72V8010GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com