Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYM72V8025GS-60 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYM72V8025GS-60
Description  8M x 72-Bit EDO- DRAM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V8025GS-60 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYM72V8025GS-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYM72V8025GS-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYM72V8025GS-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V8025GS-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V8025GS-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V8025GS-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V8025GS-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V8025GS-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V8025GS-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Semiconductor Group
1
8M
× 72-Bit EDO- DRAM Module
(ECC - Module)
168 pin buffered DIMM Module
HYM 72V8025GS-50/-60
HYM 72V8035GS-50/-60
168 pin JEDEC Standard, Buffered 8 Byte Dual In-Line Memory Module
for PC main memory applications
1 bank 8 M x 72 organisation
Optimized for ECC applications
Hyper Page Mode - EDO Operation
Performance:
Single + 3.3V
± 0.3 V supply
CAS-before-RAS refresh, RAS-only refresh
Decoupling capacitors mounted on substrate
All inputs, outputs and clock fully LVTTL & LVCMOS compatible
4 Byte interleave enabled, Dual Address inputs (A0/B0)
Buffered inputs excepts RAS and DQ
Parallel Presence Detects
Utilizes nine 8M
× 8 -DRAMs and BiCMOS buffers/line drivers VT244A
Two versions: HYM 72V8035GS with SOJ-components ( 9 mm module thickness)
HYM 72V8025GS with TSOPII-components ( 4 mm module thickness)
4048 refresh cycles / 64 ms with 12 / 11 addressing
Gold contact pad
Double sided module with 25.35 mm (1000 mil) height
-50
-60
tRAC
RAS Access Time
50 ns
60 ns
tCAC
CAS Access Time
18 ns
20 ns
tAA
Access Time from Address
30 ns
35 ns
tRC
Cycle Time
84 ns
104 ns
tHPC
EDO Mode Cycle Time
20 ns
25 ns
1
3.97


Similar Part No. - HYM72V8025GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V8020GS-50 SIEMENS-HYM72V8020GS-50 Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8020GS-60 SIEMENS-HYM72V8020GS-60 Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
More results

Similar Description - HYM72V8025GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM328025S SIEMENS-HYM328025S Datasheet
56Kb / 11P
   8M x 32-Bit EDO-DRAM Module
HYM368035S SIEMENS-HYM368035S Datasheet
557Kb / 10P
   8M x 36-Bit EDO-DRAM Module
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
HYM72V1625GS-50- SIEMENS-HYM72V1625GS-50- Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com