Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4955 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4955
Description  24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP/ LDO & DSP
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4955 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4955 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 117 page
background image
[AK4955]
MS1343-E-00
2011/12
- 11 -
Parameter
min
typ
max
Unit
Video Signal Input
External Resistor (Note 21)
R1 (Figure 2)
-
-
600
Ω
External Capacitor
C1 (Figure 2)
0.05
0.1
0.2
μF
Maximum Input Voltage: VG1-0 bits = “00” (+6dB)
-
1.0
1.24
Vpp
Pull Down Current
-
0.5
-
μA
Video Analog Output (Figure 3)
VG1-0 bits = “00”, 1.0Vpp Input
5.5
6.0
6.5
VG1-0 bits = “01”, 0.7Vpp Input
8.5
9.0
9.5
VG1-0 bits = “10”, 0.5Vpp Input
11.5
12.0
12.5
Output Gain
fin =100kHz
Sine wave Input
(Note 20)
VG1-0 bits = “11”, 0.3Vpp Input
16
16.5
17
dB
Signal Input
(Pedestal Level)
−100
0
100
mV
DC Output Offset Level
(Note 20)
No Signal Input
-
−572
-
mV
S/N (Note 22)
VG1-0 bits = “00”(+6dB)
BW = 100kH
∼ 6MHz,
S = 0.7Vpp Input
60
70
-
dB
Maximum Output Voltage
(Note 20)
fin =100kHz (Sine wave)
2.62
-
-
Vpp
Secondary Harmonic Distortion
VG1-0 bits = “00”(+6dB), fin = 3.58MHz,
1.0Vpp:
−40 ~ 100IRE, Sine Wave Input
-
−40
−30
dB
Load Resistance
140
150
-
Ω
Load Capacitance
C2 (Figure 3)
C3 (Figure 3)
-
-
-
-
15
400
pF
pF
fin = 10kHz
-
58
-
dB
PSRR
VG1-0 bits = “00”(+6dB)
fin = 100kHz
-
53
-
dB
LPF for VIN signal : (Note 20)
Frequency Response (fin = 100kHz, 1.0Vpp, Sine wave Input)
Response at 6.75MHz
−3.0
−0.5
+2.0
Response at 27MHz
-
−40
−20
dB
Group Delay
|GD3MHz
−GD6MHz|
-
15
100
ns
Note 20. This is a value at measurement point in Figure 3. 1.0Vpp input is the value when VG1-0 bits =“00”. Input
amplitude is in inverse proportion to the gain. S/N is measured at measuring point 2.
Note 21. PMV bit must be set to “0” if the input impedance of the VIN pin exceeds 600Ω in case of the input signal is
stopped or the input circuit of the VIN pin is powered down.
Note 22. S/N = 20xlog (Output Voltage[Vpp]/Noise Level[Vrms]). Output Voltage = 0.7 [Vpp].
AK4955
VIN pin
R1
From Video DAC
C1
Figure 2. External Resistor of Video Signal Input pin
Video Signal Output
75 ohm
75 ohm
C3
R2
R3
C2
Measurement point1
Measurement point2
Figure 3. Load Capacitance C2 and C3


Similar Part No. - AK4955

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4950 AKM-AK4950 Datasheet
976Kb / 106P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
AK4950EN AKM-AK4950EN Datasheet
976Kb / 106P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AK4955

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4950 AKM-AK4950 Datasheet
976Kb / 106P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
AK4958ECB AKM-AK4958ECB Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4958EG AKM-AK4958EG Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com