Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTSM0350-WR-A Datasheet(PDF) 4 Page - Marktech Corporate

Part # MTSM0350-WR-A
Description  3.2 x 2.8mm SMD TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTSM0350-WR-A Datasheet(HTML) 4 Page - Marktech Corporate

  MTSM0350-WR-A Datasheet HTML 1Page - Marktech Corporate MTSM0350-WR-A Datasheet HTML 2Page - Marktech Corporate MTSM0350-WR-A Datasheet HTML 3Page - Marktech Corporate MTSM0350-WR-A Datasheet HTML 4Page - Marktech Corporate MTSM0350-WR-A Datasheet HTML 5Page - Marktech Corporate MTSM0350-WR-A Datasheet HTML 6Page - Marktech Corporate MTSM0350-WR-A Datasheet HTML 7Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VER.: 01 Date : 2009/10/ 09 Page: 3/
Typical Electrical/Optical Characteristic Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Wavelength (nm)
0
300
600
400
500
700
800
0.6
0.2
0.4
0.8
1.2
1.0
Fig.1 WHITE LED Spectrum VS. WAVELENGTH
3.0
2.5
2.0
10
3.5
40
20
30
50
4.0
4.5
Forward Voltage (V)
20
10
0
400
1200
800
50
30
40
1600
2000
Forward Current (mA)
Forward Current VS. Applied Voltage
Forward Current VS. Luminous Intensity
Ambient Temperature Ta ( )
0
204060
100
80
10
20
40
30
50
80°
90°
60°
70°
50°
30°
40°
0.1
0.5
0.7
0.8
0.3
1.0
0.9
0.4
0.2
0.6
10° 20°
Ambient Temperature VS. Forward Current
Radiation Diagram
MT0350-WR-A
3.2 x 2.8mm SMD TYPE


Similar Part No. - MTSM0350-WR-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM0302AZ-HR MARKTECH-MTSM0302AZ-HR Datasheet
421Kb / 2P
   Z−Bend SMT LED
MTSM0302AZ-HR-A MARKTECH-MTSM0302AZ-HR-A Datasheet
228Kb / 7P
   1.8mm AXIAL LED LAMP
MTSM0302AZ-UBL MARKTECH-MTSM0302AZ-UBL Datasheet
417Kb / 2P
   Z−Bend SMT LED
More results

Similar Description - MTSM0350-WR-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT0350-WR-A MARKTECH-MT0350-WR-A Datasheet
290Kb / 7P
   3.2 x 2.8mm SMD TYPE
MTSM2350-G-A MARKTECH-MTSM2350-G-A Datasheet
283Kb / 7P
   3.2 x 2.8mm SMD TYPE
MTSM6350-URUG-A MARKTECH-MTSM6350-URUG-A Datasheet
266Kb / 8P
   3.2 x 2.8mm SMD TYPE
MTSM735K-UR-A MARKTECH-MTSM735K-UR-A Datasheet
214Kb / 7P
   3.2 x 2.8mm SMD TYPE
LM1-PPP1-01-N1-MT MARKTECH-LM1-PPP1-01-N1-MT Datasheet
381Kb / 6P
   120 Degree 3.2 x 2.8mm SMT-LED
logo
EUROQUARTZ limited
MJ20 EUROQUARTZ-MJ20 Datasheet
235Kb / 1P
   5 x 3.2 x 1.0mm SMD
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
   5.0 x 3.2 x 0.9mm SMD
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
   5 x 3.2 x 0.9mm SMD
X32 EUROQUARTZ-X32 Datasheet
106Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
MT EUROQUARTZ-MT Datasheet
106Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com