Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYM72V8030GS-60 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYM72V8030GS-60
Description  8M x 72-Bit Dynamic RAM Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V8030GS-60 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYM72V8030GS-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V8030GS-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V8030GS-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V8030GS-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V8030GS-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V8030GS-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V8030GS-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYM72V8030GS-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYM72V8030GS-60 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Semiconductor Group
7
HYM72V8020/30GS-50/-60
8M x 72-ECC Module
AC Characteristics (note:5, 6,7,8)
T
A = 0 to 70 °C,VCC = 3.3 ± 0.3 V
Parameter
Symbol
-50
-60
Unit
Note
min.
max.
min.
max.
common parameters
Random read or write cycle time
t
RC
90
110
ns
RAS precharge time
t
RP
30
40
ns
RAS pulse width
t
RAS
50
100k
60
100k
ns
CAS pulse width
t
CAS
13
100k
15
100k
ns
Row address setup time
t
ASR
5–5–ns
9
Row address hold time
tRAH
8–8–ns
10
Column address setup time
tASC
2–2–ns
11
Column address hold time
tCAH
15
15
ns
9
RAS to CAS delay time
tRCD
16
32
18
40
12
RAS to column address delay time
tRAD
11
20
13
25
ns
12
RAS hold time
tRSH
18
20
ns
9
CAS hold time
tCSH
48
58
ns
10
CAS to RAS precharge time
t
CRP
10
10
ns
9
Transition time (rise and fall)
tT
330
3
30
ns
7
Refresh period
tREF
–64
64
ms
Read Cycle
Access time from RAS
t
RAC
–50
60
ns
13,14
Access time from CAS
t
CAC
–18
20
ns
9,13,14
Access time from column address
t
AA
–30
35
ns
9,13, 15
OE access time
t
OEA
–18
20
ns
9,13
Column address to RAS lead time
t
RAL
30
35
ns
9
Read command setup time
t
RCS
2–2–ns
11
Read command hold time
tRCH
2–2–ns
11,16
Read command hold time referenced
to RAS
tRRH
0–0–ns
16
CAS to output in low-Z
t
CLZ
2–2–ns
11,13
Output buffer turn-off delay
t
OFF
–18
20
ns
9,17
Output buffer turn-off delay from OE
tOEZ
–18
20
ns
9,17


Similar Part No. - HYM72V8030GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V8035GS-50 SIEMENS-HYM72V8035GS-50 Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
HYM72V8035GS-60 SIEMENS-HYM72V8035GS-60 Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
More results

Similar Description - HYM72V8030GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com