Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5374EN Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK5374EN
Description  24-bit Stereo ADC with USB Interface
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5374EN Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK5374EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK5374EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK5374EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK5374EN Datasheet HTML 10Page - Asahi Kasei Microsystems AK5374EN Datasheet HTML 11Page - Asahi Kasei Microsystems AK5374EN Datasheet HTML 12Page - Asahi Kasei Microsystems AK5374EN Datasheet HTML 13Page - Asahi Kasei Microsystems AK5374EN Datasheet HTML 14Page - Asahi Kasei Microsystems AK5374EN Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
[
AK5374]
MS1197-E-00
2010/05
- 11 -
VIL
LMUTEN
RMUTEN
Wosm
Figure 8. One Shot Mute Timing
CSN
tCSS
SK
tCD
EPAO
tSKH
tSKL
1 / fSK
EPAI
Hi-Z
dSK = tSKL x fSK x 100
tSKH x fSK x 100
50%DVDD
tCSH
tCSW
50%DVDD
D7
D0
Hi-Z
50%DVDD
tCDH
tCDS
70%DVDD
30%DVDD
Figure 9. SPI (EEP-ROM) Control Interface Timing


Similar Part No. - AK5374EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5370 AKM-AK5370 Datasheet
203Kb / 27P
   USB I/F A/D CONVERTER
AK5370VF AKM-AK5370VF Datasheet
203Kb / 27P
   USB I/F A/D CONVERTER
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5371A AKM-AK5371A Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
AK5371AVQ AKM-AK5371AVQ Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
More results

Similar Description - AK5374EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5373 AKM-AK5373 Datasheet
567Kb / 53P
   24-bit Stereo ADC with USB Interface
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738 Datasheet
157Kb / 15P
   24 BIT STEREO ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
   24 Bit Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com