Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD5373 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD5373
Description  24-bit Stereo ADC with USB Interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5373 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD5373 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
[AK5373]
MS1202-E-00
2010/0
6
- 2 -
Block Diagram
MPWR
MICLP
MICRP
VREF
XTO
XTI
CSN
SK EPAO EPAI
USB
SIE
USB
Tx/Rx
DP
DN
CKM = “H”
SDTO
LRCK
BICK
MCLK
SDTI
Audio
Stream
Control
Control
Decode
RSTN SUSN
CLKDRV
VREF VCOM
MICLN
MICRN
Gain: 0/+6/+12/+18/+24/+30/+36dB
AVDD
DVDD
MGAIN0
MGAIN1
MGAIN2
VSS2
VSS1
VSS3
PMADL
PMADR
CLKO
Ext
Audio
I/F
SDIN or SDOUT
PMMP
EEP-ROM
SPI I/F
PLL
(System/Audio)
24MHz
DVOL
MUTE
LMUTEN RMUTEN
24bit
ADC
PMADL or PMADR
XTE = “H”
Microphone
Figure 1. Block Diagram


Similar Part No. - AKD5373

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5373-A AKM-AKD5373-A Datasheet
1Mb / 24P
   Evaluation board Rev.2 for AK5373
More results

Similar Description - AKD5373

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5374 AKM-AK5374 Datasheet
569Kb / 51P
   24-bit Stereo ADC with USB Interface
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738 Datasheet
157Kb / 15P
   24 BIT STEREO ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
   24 Bit Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com