Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD5373 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD5373
Description  24-bit Stereo ADC with USB Interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5373 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD5373 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD5373 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
[
AK5373]
MS1202-E-00
2010/0
6
- 9 -
SWITCHING CHARACTERISTICS
(Ta=25
°C; AVDD=DVDD=3.3V; CL=50pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Frequency
Crystal Resonator
CKM pin = “L”
fXTAL1
-
16
-
MHz
CKM pin = “H”
fXTAL2
-
24
-
MHz
USB Interface
DP, DN Single Ended Receiver Threshold
(High-Level)
(Low-Level)
VseH
VseL
2.0
-
-
-
-
0.8
V
V
Time Width for USB Reset Signal Recognition
(DP<VseL & DN< VseL to USB Reset mode)
Trst_rec
2.7
-
-
μs
Device Ready Time from USB Reset
(Ready for transaction after reset)
Tdrr
-
-
10
ms
Time Width for Suspend Recognition
(Idle state DP > VseL & DN < VseL to Suspend mode)
Tsus_rec
3.0
-
-
ms
Resume Time from Suspend
(Note 14)
(First flip of DP/DN from Idle sate to Device Ready)
Tresm
-
-
30
ms
USB Transmitter
Data Rate
DR
11.97
12
12.03
MHz
Output Impedance (Hi)
(Note 15)
(DP, DN pins = “H”, Iout = -10mA)
Roh
-
36
-
Ω
Output Impedance (Lo)
(Note 15)
(DP, DN pins = “L”, Iout = 10mA)
Rol
-
36
-
Ω
“H” level Output Voltage
(Iout = -200µA)
Vohd
2.8
-
-
V
“L” level Output Voltage
(Iout = 2.2mA)
Vold
-
-
0.3
V
Tri-state Leakage Current (0 < DP, DN < 3.3V)
Iolk
-10
-
10
μA
Rise/Fall Time
Trf/Tff
4
12
20
ns
Rise/Fall Time Matching
Trfm
-
100
-
%
Crossover Point
Vcrs
-
1.65
-
V
USB Receiver
Common Mode Range
CMR
0.8
-
2.5
V
Differential Input Sensitivity
DIS
200
-
-
mV
Schmitt High Level Voltage
Vihs
2.0
-
-
V
Schmitt Low Level Voltage
Vils
-
-
0.8
V
Note 14. VREF, X’tal oscillator, and PLL get stable and bus transaction with normal rate is ready.
Note 15. Including an external 18Ω (±1%) resistor in series.


Similar Part No. - AKD5373

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5373-A AKM-AKD5373-A Datasheet
1Mb / 24P
   Evaluation board Rev.2 for AK5373
More results

Similar Description - AKD5373

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5374 AKM-AK5374 Datasheet
569Kb / 51P
   24-bit Stereo ADC with USB Interface
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738 Datasheet
157Kb / 15P
   24 BIT STEREO ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
   24 Bit Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com