Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5388EQ Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK5388EQ
Description  120dB 24-bit 192kHz 4-Channel ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5388EQ Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK5388EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK5388EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK5388EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK5388EQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK5388EQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK5388EQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK5388EQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK5388EQ Datasheet HTML 13Page - Asahi Kasei Microsystems AK5388EQ Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
[AK5388]
MS1096-E-01
2009/08
- 10 -
SWITCHING CHARACTERISTICS
(Ta=25
°C; AVDD1/2=4.75 ∼ 5.25V; DVDD1/2=3.0 ∼ 3.6V; CL=20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Master Clock
128fs:
Pulse Width Low
Pulse Width High
192fs:
Pulse Width Low
Pulse Width High
256fs:
Pulse Width Low
Pulse Width High
384fs:
Pulse Width Low
Pulse Width High
512fs:
Pulse Width Low
Pulse Width High
768fs:
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
1.024
0.4fCLK
0.4fCLK
1.536
0.4fCLK
0.4fCLK
2.048
0.4fCLK
0.4fCLK
3.072
0.4fCLK
0.4fCLK
4.096
0.4fCLK
0.4fCLK
6.144
0.4fCLK
0.4fCLK
24.576
36.864
12.288
18.432
24.576
36.864
27.648
41.472
27.648
41.472
27.648
41.472
MHz
ns
ns
MHz
ns
ns
MHz
ns
ns
MHz
ns
ns
MHz
ns
ns
MHz
ns
ns
LRCK Timing (Slave Mode)
Normal mode (TDM1=“L”, TDM0=“L”)
LRCK Frequency
Duty Cycle
fs
Duty
8
45
216
55
kHz
%
TDM256 MODE (TDM1=“L”, TDM0=“H”)
LRCK Frequency
“H” time
“L” time
fs
tLRH
tLRL
8
1/256fs
1/256fs
54
kHz
ns
ns
TDM128 MODE (TDM1=“H”, TDM0=“H”)
LRCK Frequency
“H” time
“L” time
fs
tLRH
tLRL
8
1/128fs
1/128fs
216
kHz
ns
ns
LRCK Timing (Master Mode)
Normal mode (TDM1=“L”, TDM0=“L”)
LRCK Frequency
Duty Cycle
fs
Duty
8
50
216
kHz
%
TDM256 MODE (TDM1=“L”, TDM0=“H”)
LRCK Frequency
“H” time
(Note 13)
fs
tLRH
8
1/8fs
54
kHz
ns
TDM128 MODE (TDM1=“H”, TDM0=“H”)
LRCK Frequency
“H” time
(Note 13)
fs
tLRH
8
1/4fs
216
kHz
ns
Note 13. “L” time at I2S format


Similar Part No. - AK5388EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5388 AKM-AK5388 Datasheet
506Kb / 27P
   120dB 24-bit 192kHz 4-Channel ADC
AK5388A AKM-AK5388A Datasheet
713Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
AK5388AEQ AKM-AK5388AEQ Datasheet
713Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
More results

Similar Description - AK5388EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5388 AKM-AK5388 Datasheet
506Kb / 27P
   120dB 24-bit 192kHz 4-Channel ADC
AK5388AEQ AKM-AK5388AEQ Datasheet
713Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com