Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7719ECB Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK7719ECB
Description  Low Power DSP for Voice and Audio Processing
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7719ECB Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK7719ECB Datasheet HTML 7Page - Asahi Kasei Microsystems AK7719ECB Datasheet HTML 8Page - Asahi Kasei Microsystems AK7719ECB Datasheet HTML 9Page - Asahi Kasei Microsystems AK7719ECB Datasheet HTML 10Page - Asahi Kasei Microsystems AK7719ECB Datasheet HTML 11Page - Asahi Kasei Microsystems AK7719ECB Datasheet HTML 12Page - Asahi Kasei Microsystems AK7719ECB Datasheet HTML 13Page - Asahi Kasei Microsystems AK7719ECB Datasheet HTML 14Page - Asahi Kasei Microsystems AK7719ECB Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
[AK7719]
MS1351-E-00-PB
2012/01
11
μP Interface (SPI Mode)
(Ta= -20ºC ~ 85ºC, VDD=1.2V; TVDD=1.6~3.6V, VSS =0V; CL=20pF)
Note 14. Except when input the eighth bit of the command code.
tSCLKH
tSCLKL
1/fSCLK
1/fSCLK
tRST1
tIRRQ
SCLK
VIH
VIL
tSF
tSR
PDN
CSN
VIL
VIH
VIL
VIH
Figure 6. μP Interface 1 (SPI)
Parameter
Symbol
min
typ
max
Unit
μP Interface Timing (SPI mode)
SCLK Fall Time
tSF
30
ns
SCLK Rise Time
tSR
30
ns
SCLK Frequency
fSCLK
4.0
MHz
SCLK Low Level Width
tSCLKL
120
ns
SCLK High Level Width
tSCLKH
120
ns
CSN
High Level Width
tWRQH
500
ns
From CSN “↑” to PDN “↑”
From PDN “↑” to CSN “↓”
tRST1
tIRRQ
600
100
ns
μs
From SCLK “
↓” to CSN “↑”
tWSC
500
ns
From SCLK “↑” to CSN “↑”
tSCW
800
ns
SI Latch Setup Time
tSIS
100
ns
SI Latch Hold Time
tSIH
100
ns
AK7719 → μP
Delay Time from SCLK “↓”to SO Output
tSOS
100
ns
Hold Time from SCLK “↑” to SO Output (Note 14)
tSOH
100
ns


Similar Part No. - AK7719ECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7719B AKM-AK7719B Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
AK7719BECB AKM-AK7719BECB Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
More results

Similar Description - AK7719ECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7719BECB AKM-AK7719BECB Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Advantech Co., Ltd.
DSP-8901 ADVANTECH-DSP-8901_14 Datasheet
1,018Kb / 2P
   AdvancedTCA DSP Blade Provides Industrys Most Powerful DSP Farm for Voice and Video Processing
logo
Synaptics Incorporated.
CX2077X CONEXANT-CX2077X Datasheet
176Kb / 2P
   On-Chip Voice//Audio DSP
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
   Audio Hub CODEC with Voice Processor DSP
logo
CML Microcircuits
CMX7241 CMLMICRO-CMX7241 Datasheet
4Mb / 94P
   Voice processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com