Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7722 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK7722
Description  24bit 4ch ADC 24bit 4ch DAC with Audio DSP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7722 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK7722 Datasheet HTML 2Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 3Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
[AK7722]
MS1328-E-00-PB
6
2011/09
No.
Name
I/O
Function
Classification
1
AINL3
I ADC1 Lch Single-ended Input 3 Pin.
Analog Input
2
AINR2N
I ADC1 Inverted Rch Differential Input 2 Pin
Analog Input
3
AINR2P
I ADC1 Non-inverted Rch Differential Input 2 Pin
Analog Input
4
AINL2N
I ADC1 Inverted Lch Differential Input 2 Pin
Analog Input
5
AINL2P
I ADC1 Non-inverted Lch Differential Input 2 Pin
Analog Input
6
AINR1N
I ADC1 Inverted Rch Differential Input 1 Pin
Analog Input
7
AINR1P
I ADC1 Non-inverted Rch Differential Input 1 Pin
Analog Input
8
AINL1N
I ADC1 Inverted Lch Differential Input 1 Pin
Analog Input
9
AINL1P
I ADC1 Non-inverted Lch Differential Input 1 Pin
Analog Input
10 AVDD
- Analog Power Supply Pin 3.0 ~ 3.6V
Power Supply
11 VSS1
- Analog Ground Pin 0V
Power Supply
12 LFLT
O R and C Component Connect Pin for PLL
Refer to “7. LFLT Pin External Connection”. This pin outputs “L” during
initial reset.
Analog Output
13 TESTI1
I Test 1 Pin (Internal pull-down)
This pin must be connected to VSS.
Test
14 GLRCKI
I Frame Clock Input Pin for Voice Guidance
Digital Input
15 GBICKI
I Bit Clock Input Pin for Voice Guidance
Digital Input
16 SDIN5
I Serial Audio Input Pin for Voice Guidance
Digital Input
17 DVDD
- Digital Power Supply Pin 3.0~3.6V
Power Supply
18 VSS2
- Ground Pin 0V
Power Supply
19 XTI
I
Crystal oscillator input pin
Connect a crystal oscillator between this pin and the XTO pin, or input an
external clock to the XTI pin.
Clock
20 XTO
O
Crystal Oscillator Output Pin
When a crystal oscillator is used, connect it between XTI and XTO. When
an external clock is used, leave this pin open. During initial reset, the output
of this pin is not determinable.
Clock
21 GP1
O
Programmable Bit Output Pin
This pin outputs “L” during initial reset.
Digital Output
22 JX0
I
Conditional Jump Pin0
The conditional jump pin (JX0) is valid by setting control register (JX0E) to
“1”.
Conditional Input
23 LRCKI
I
LR Channel Select Clock Pin 1
LR clock should be input to this pin in slave mode.
System Clock
Input
24 BICKI
I
Serial Bit Clock Input Pin 1
BITCLOCK (48fs or 64fs) should be input to this pin in slave mode.
System Clock
Input
25 SDIN1
I Serial Data Input 1 Pin
Digital Input
SDIN2
I Serial Data Input 2 Pin
Digital Input
26
JX1
I
Conditional Jump Pin1
The conditional jump pin (JX1) is valid by setting control register (JX1E) to
“1”.
Conditional Input
27 SRLRCK1
I LR Channel Select Clock Pin 1 (for SRC)
System Clock
Input
28 SRBICK1
I Serial Bit Clock Input Pin 1 (for SRC)
System Clock
Input
PIN FUNCTION


Similar Part No. - AK7722

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7712 AKM-AK7712 Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
AK7714 AKM-AK7714 Datasheet
516Kb / 48P
   20-Bit Audio Codec with DSP and Delay RAM
More results

Similar Description - AK7722

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
AK4591VQ AKM-AK4591VQ Datasheet
480Kb / 41P
   ?ε뒟?삠꺃??궭餓?4bit 4ch ADC 24bit 6ch DAC
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com